Electronic Components Datasheet Search
  English  ▼

X  

ZADCS0842 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZADCS0842
Description  8-Bit, 300ksps, ADC Family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS0842 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZADCS0842 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS0842 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ZADCS0882/0842/0822
8-Bit, 300ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
9 of 26
1.3. Package Pin Assignment ZADCS0842 / ZADCS0842V
Package
pin number
Name
Direction Type
Description
1
nCS
IN
CMOS Digital
Active Low Chip Select
2
DIN
IN
CMOS Digital
Serial Data Input
3
DGND
SUPPLY
Digital Ground
4
AGND
SUPPLY
Analog Ground
5
VREF
I/O
Analog
Reference Buffer Output / External Reference Input
6
COM
IN
Analog
Ground reference for analog inputs in single ended mode
7
CH0
IN
Analog
Analog Input Channel 0
8
CH1
IN
Analog
Analog Input Channel 1
9
CH3
IN
Analog
Analog Input Channel 3
10
CH2
IN
Analog
Analog Input Channel 2
11
REFADJ
I/O
Analog
Input to Reference Buffer Amplifier
12
VDD
SUPPLY
Positive Supply
13
nSHDN
IN
CMOS Digital
Active Low Shutdown
14
DOUT
OUT
CMOS Digital
Serial Data Output
15
SSTRB
OUT
CMOS Digital
Serial Strobe Output
16
SCLK
IN
CMOS Digital
Serial Clock Input
Table 3: Pin list ZADCS0842 / ZADCS0842V
Figure 2 Package Pin Assignment for ZADCS0842 & ZADCS0842V
nCS
SCLK
SSTRB
DIN
DOUT
DGND
nSHDN
AGND
VDD
VREF
REFADJ on ZADCS0842V,
COM
No connect on ZADCS0842
CH2
CH0
CH3
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com