Electronic Components Datasheet Search
  English  ▼

X  

ZADCS1022 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ZADCS1022
Description  10-Bit, 250ksps, ADC Family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS1022 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ZADCS1022 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ZADCS1082/1042/1022
10-Bit, 250ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
22 of 26
Output Code Format
ZADCS10x2 family devices do all support unipolar and bipolar operation modes. The digital output code is
straight binary in unipolar mode. It ranges from 0x00 for an input voltage difference of 0V to 0xFF for an input
voltage difference of VREF (Full Scale = FS). The first code transition (0x00  0x01) occurs at a voltage
equivalent to ½ LSB, the last (0xFE  0xFF) at VREF-1.5 LSB. See also Figure 16 for details. In bipolar
mode a two’s complement coding is applied. Code transitions occur again halfway between successive
integer LSB values. The transfer function is shown in Figure 17.
Figure 16: Unipolar Transfer Function
Figure 17: Bipolar Transfer Function
2.5.
Power Dissipation
The ZADCS10x2 family offers three different ways to save operating current between conversions. Two
different software controlled power down modes can be activated to automatically shut-down the device after
completion of a conversion. They differ in the amount of circuitry that is powered down.
Software Power Down
Full Power Down Mode shuts down the entire analog part of the IC, reducing the static IDD of the device to
less than 0.5µA if no external clock is provided at SCLK. Fast Power Down mode is only useful with
ZADCS10x2V devices if the internal voltage reference is used. During Fast Power-Down the bandgap and the
VREFADJ output buffer are kept alive while all other internal analog circuitry is shut down. The benefit of Fast
Power Down mode is a shorter turn on time of the reference compared to Full Power-Down Mode. This is
basically due to the fact that the low pass which is formed at the VREFADJ output by the internal 20kΩ
resistor and the external buffer capacitor of 47nF is not discharged in Fast Power-Down Mode. The settling
time of the low pass at VREFADJ is about 7ms to reach 10 bit accuracy. The Fast Power Down mode omits
this settling and reduces the turn on time to about 200µs. To wake up the IC out of either software power
down mode, it is sufficient to send a Start Bit while nCS is LOW. Since micro controllers can commonly
transfer full bytes per transaction only, a dummy conversion is usually carried out to wake the device.
In all application cases where an external reference voltage is supplied (basic ZADCS10x2 and ZADCS10x2V
with VREFADJ tied to VDD) there is no turn on time to be considered. The first conversion is already valid.
Fast Power-Down and Full Power-Down Mode do not show any difference in this configuration.
11 … 111
11 … 110
11 … 101
00 … 000
00 … 001
00 … 010
1 2 3
FS
0
Input Voltage (LSB)
FS-3/2 LSB
ZS = V(IN-)
FS = VREF +V(IN-
)
1LSB =
VREF
1024
(ZS)
Output Code
Output Code
ZS = V(IN-)
+ FS = ½V
+V(IN-)
REF
01 … 111
01 … 110
10 … 000
10 … 001
00 … 000
+FS
-FS
Input Voltage (LSB)
+FS-3/2 LSB
1LSB =
VREF
1024
00 … 001
00 … 011
11 … 111
11 … 110
- FS = -½V
+V(IN-)
REF
11 … 101
ZS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com