Electronic Components Datasheet Search
  English  ▼

X  

LBS16701 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS16701
Description  167.75MHz SAW Filter 3MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS16701 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS16701 Datasheet HTML 1Page - SIPAT Co,Ltd LBS16701 Datasheet HTML 2Page - SIPAT Co,Ltd LBS16701 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS16701
Rev. Date
2006-7-3
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
167.75MHz SAW Filter
3MHz Bandwidth
Part Number:LBS16701
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
167.65
167.75
167.85
Insertion Loss
dB
-
23.5
25
1 dB Bandwidth
MHz
2.5
2.55
-
3 dB Bandwidth
MHz
-
2.71
-
30 dB Bandwidth
MHz
-
3.27
3.3
40 dB Bandwidth
MHz
-
3.36
3.4
50 dB Bandwidth
MHz
-
3.44
3.9
Passband Variation
dB
-
0.4
0.9
Absolute Delay
usec
-
3.63
4
Group Delay Variation(f0±1.2MHz)
nsec
-
200
300
Ultimate Rejection
dB
50
53
-
Material Temperature coefficient
KHz/°C
0.1678
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=39nH
C1=C2=39Pf
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS16701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16701 SIPAT-LBS16701 Datasheet
138Kb / 3P
167.75MHz SAW Filter 3MHz Bandwidth
More results

Similar Description - LBS16701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS09301 SIPAT-LBS09301 Datasheet
138Kb / 3P
93MHz SAW Filter 3MHz Bandwidth
LBS11101 SIPAT-LBS11101 Datasheet
141Kb / 3P
111MHz SAW Filter 3MHz Bandwidth
LBS16701 SIPAT-LBS16701 Datasheet
138Kb / 3P
167.75MHz SAW Filter 3MHz Bandwidth
LBS08030 SIPAT-LBS08030 Datasheet
148Kb / 3P
80MHz SAW Filter 3MHz Bandwidth
LBS10401 SIPAT-LBS10401 Datasheet
147Kb / 3P
103.8MHz SAW Filter 3MHz Bandwidth
LBS12102 SIPAT-LBS12102 Datasheet
145Kb / 3P
121MHz SAW Filter 3MHz Bandwidth
LBS13601 SIPAT-LBS13601 Datasheet
147Kb / 3P
136.2MHz SAW Filter 3MHz Bandwidth
LBS13701 SIPAT-LBS13701 Datasheet
145Kb / 3P
136.6MHz SAW Filter 3MHz Bandwidth
LBS13703 SIPAT-LBS13703 Datasheet
147Kb / 3P
136.7MHz SAW Filter 3MHz Bandwidth
LBT70A46 SIPAT-LBT70A46 Datasheet
193Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com