Electronic Components Datasheet Search
  English  ▼

X  

LBS20201 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS20201
Description  202.5MHz SAW Filter 5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS20201 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS20201 Datasheet HTML 1Page - SIPAT Co,Ltd LBS20201 Datasheet HTML 2Page - SIPAT Co,Ltd LBS20201 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS20201
Rev. Date
2005-10-31
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
202.5MHz SAW Filter
5MHz Bandwidth
Part Number: LBS20201
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
202.4
202.5
202.6
Insertion Loss
dB
-
23.6
25
1 dB Bandwidth
MHz
4.7
4.8
-
3 dB Bandwidth
MHz
5
5.22
-
40 dB Bandwidth
MHz
-
6.83
7
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
1.785
3.5
Ultimate Rejection
dB
45
52
-
Material Temperature coefficient
KHz/°C
0.2025
Ambient Temperature
°C
25
Package Size
DIP2212 (22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=56+10nH L2=68nH
C1=39pF
C2=33pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBS20201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS20201 SIPAT-LBS20201 Datasheet
137Kb / 3P
202.5MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS20201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
139Kb / 3P
147.5MHz SAW Filter 5MHz Bandwidth
LBS20201 SIPAT-LBS20201 Datasheet
137Kb / 3P
202.5MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
70MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
299Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBS140A62 SIPAT-LBS140A62 Datasheet
149Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LBS20701 SIPAT-LBS20701 Datasheet
150Kb / 3P
206.8MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030_10 Datasheet
149Kb / 3P
70MHz SAW Filter 5MHz Bandwidth
LBT38301 SIPAT-LBT38301 Datasheet
178Kb / 3P
382.5MHz SAW Filter 5MHz Bandwidth
LBT13814 SIPAT-LBT13814 Datasheet
149Kb / 3P
137.5MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com