Electronic Components Datasheet Search
  English  ▼

X  

LBS20501 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS20501
Description  204.5MHz SAW Filter 4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS20501 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS20501 Datasheet HTML 1Page - SIPAT Co,Ltd LBS20501 Datasheet HTML 2Page - SIPAT Co,Ltd LBS20501 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS20501
Rev. Date
2009-04-24
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
204.5MHz SAW Filter
4MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS20501
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
204.4
204.5
204.6
Insertion Loss
dB
-
21.6
26
1 dB Bandwidth
MHz
-
3.61
-
3 dB Bandwidth
MHz
3.8
3.88
-
40 dB Bandwidth
MHz
-
4.97
5.02
Passband Variation
dB
-
0.6
1
Group Delay Variation(f0±1.5MHz)
nsec
-
120
200
Absolute Delay
usec
-
2.47
-
Ultimate Rejection
dB
45
48
-
Material Temperature coefficient
KHz/°C
0.2
Substrate Material
-
Qz
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1B
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS20501

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS20501 SIPAT-LBS20501 Datasheet
149Kb / 3P
204.5MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS20501

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11510 SIPAT-LBS11510 Datasheet
138Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
LBS12901 SIPAT-LBS12901 Datasheet
140Kb / 3P
128.9MHz SAW Filter 4MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
152Kb / 4P
70MHz SAW Filter 4MHz Bandwidth
LBT07067 SIPAT-LBT07067 Datasheet
144Kb / 3P
70MHz SAW Filter 4MHz Bandwidth
LBT11404 SIPAT-LBT11404 Datasheet
148Kb / 3P
114MHz SAW Filter 4MHz Bandwidth
LBS20501 SIPAT-LBS20501 Datasheet
149Kb / 3P
204.5MHz SAW Filter 4MHz Bandwidth
LBS140A31 SIPAT-LBS140A31 Datasheet
149Kb / 3P
140MHz SAW Filter 4MHz Bandwidth
LBS16033 SIPAT-LBS16033 Datasheet
145Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS16901 SIPAT-LBS16901 Datasheet
144Kb / 3P
169MHz SAW Filter 4MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com