Electronic Components Datasheet Search
  English  ▼

X  

LBS20601 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS20601
Description  206MHz SAW Filter 4.4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS20601 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS20601 Datasheet HTML 1Page - SIPAT Co,Ltd LBS20601 Datasheet HTML 2Page - SIPAT Co,Ltd LBS20601 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS20601
Rev. Date
2013-09-12
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
206MHz SAW Filter
4.4MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS20601
S20601
S20601
S20601
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
205.9
206
206.1
Insertion Loss
dB
28
30
3dB Bandwidth
MHz
4.4
4.46
35dB Bandwidth
5.16
5.2
40dB Bandwidth
5.21
5.3
Passband Variation
dB
0.5
1.0
Ultimate Rejectio
dB
45
50
Absolute Delay
usec
3.40
4.0
Material Temperature coefficient
KHz/°C
0.21
Substrate Material
-
QZ
Ambient Temperature
°C
25
Input Power
dBm
10
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
105
ESD Class
-
1C
Package Size
DIP2712
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS20601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS20.48 SIPAT-LBS20.48 Datasheet
43Kb / 1P
SAW filter technical specification
LBS20003 SIPAT-LBS20003 Datasheet
142Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBS20012 SIPAT-LBS20012 Datasheet
320Kb / 3P
199.6MHz SAW Filter 1.4MHz Bandwidth
LBS20201 SIPAT-LBS20201 Datasheet
137Kb / 3P
202.5MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS20601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
130MHz SAW Filter 4.4MHz Bandwidth
LBT14064 SIPAT-LBT14064 Datasheet
128Kb / 3P
140MHz SAW Filter 4.4MHz Bandwidth
LBS12039 SIPAT-LBS12039 Datasheet
149Kb / 3P
120MHz SAW Filter 4.4MHz Bandwidth
LBS12039 SIPAT-LBS12039 Datasheet
149Kb / 3P
120MHz SAW Filter 4.4MHz Bandwidth
LBS13202 SIPAT-LBS13202 Datasheet
255Kb / 3P
131.8MHz SAW Filter 4.4MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
143Kb / 3P
130MHz SAW Filter 4.4MHz Bandwidth
LBT13101 SIPAT-LBT13101 Datasheet
313Kb / 3P
130.9MHz SAW Filter 4.4MHz Bandwidth
LBT14064 SIPAT-LBT14064 Datasheet
133Kb / 3P
140MHz SAW Filter 4.4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com