Electronic Components Datasheet Search
  English  ▼

X  

LBS23201 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS23201
Description  232.25MHz SAW Filter 3.5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS23201 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS23201 Datasheet HTML 1Page - SIPAT Co,Ltd LBS23201 Datasheet HTML 2Page - SIPAT Co,Ltd LBS23201 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS23201
Rev. Date
2012-07-30
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
232.25MHz SAW Filter
3.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS23201
S23201
S23201
S23201
Features
�
For RF SAW filter
�
Single-ended operation
�
Ceramic Surface Mount Package
�
Small size
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
-
232.25
-
Insertion Loss(
dB
-
16.3
18
Passband Variation(230.5~234Hz)
dB
-
0.9
1.5
Absolute Delay
us
-
0.81
2..2
Group Delay
nsec
-
370
500
Rejection(200-229.5MHz)
(235-250MHz)
dB
30
35
Material Temperature coefficient
KHz/°C
0.23
Substrate Material
-
AT-QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
25
Storage Temperature Range
°C
-45
-
+105
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
SMD7.0*5.0
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS23201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS23301 SIPAT-LBS23301 Datasheet
145Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
LBS23301 SIPAT-LBS23301 Datasheet
150Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
LBS23302 SIPAT-LBS23302 Datasheet
143Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
LBS23302 SIPAT-LBS23302 Datasheet
151Kb / 3P
233MHz SAW Filter 4MHz Bandwidth
LBS23701 SIPAT-LBS23701 Datasheet
137Kb / 3P
237.5MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS23201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LB140DS03 SIPAT-LB140DS03 Datasheet
274Kb / 3P
140MHz SAW Filter 3.5MHz Bandwidth
LB140DS04 SIPAT-LB140DS04 Datasheet
281Kb / 3P
140MHz High-Loss SAW Filter 3.5MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBS70A03 SIPAT-LBS70A03 Datasheet
140Kb / 3P
70MHz SAW Filter 3.5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0184A TAI-SAW-TB0184A Datasheet
437Kb / 4P
High Attenuation 70MHz IF SAW Filter (BW=3.5MHz)
logo
SIPAT Co,Ltd
LBS70A03 SIPAT-LBS70A03 Datasheet
146Kb / 3P
70MHz SAW Filter 3.5MHz Bandwidth
LBS22503 SIPAT-LBS22503 Datasheet
315Kb / 3P
225.25MHz SAW Filter 3.5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB1145A TAI-SAW-TB1145A Datasheet
121Kb / 8P
SAW Filter 48MHz 3.5MHz BW (SMD 7.0횞5.0 mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com