Electronic Components Datasheet Search
  English  ▼

X  

BAT54S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54S
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54S Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54S Datasheet HTML 1Page - Diodes Incorporated BAT54S Datasheet HTML 2Page - Diodes Incorporated BAT54S Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS11005 Rev. 12 - 2
1 of 3
BAT54 /A /C /S
BAT54 /A /C /S
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams Below
·
Weight: 0.008 grams (approx.)
·
Marking Code: See Diagrams Below
·
Ordering Information: See Page 3
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Low Turn-on Voltage
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 2)
IF
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
A
E
J
L
TOP VIEW
M
B C
H
G
D
D
K
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
30
¾¾
V
IRS = 100
mA
Forward Voltage (Note 1)
VF
¾¾
240
320
400
500
1000
mV
IF = 0.1mA
IF =
1mA
IF =
10mA
IF =
30mA
IF = 100mA
Reverse Leakage Current (Note 1)
IR
¾¾
2.0
mA
VR = 25V
Total Capacitance
CT
¾¾
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
BAT54 Marking: KL1
BAT54A Marking: KL2
BAT54C Marking: KL3
BAT54S Marking: KL4
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0
°
8
°
All Dimensions in mm


Similar Part No. - BAT54S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54S PANJIT-BAT54S Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54S PHILIPS-BAT54S Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54S STMICROELECTRONICS-BAT54S Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54S ZETEX-BAT54S Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54S ZOWIE-BAT54S Datasheet
51Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com