Electronic Components Datasheet Search
  English  ▼

X  

L9386MD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9386MD
Description  Dual intelligent power low side switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics L9386MD Datasheet HTML 10Page - STMicroelectronics L9386MD Datasheet HTML 11Page - STMicroelectronics L9386MD Datasheet HTML 12Page - STMicroelectronics L9386MD Datasheet HTML 13Page - STMicroelectronics L9386MD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Electrical specifications
L9386
10/14
2.4
Circuit description
The L9386 is a dual low side driver for inductive loads like valves in automotive environment.
The device is enabled by a common CMOS compatible ENABLE high signal. The internal
pull down current sources at the ENABLE and INPUT pins protect the device in open input
conditions against malfunctions. An output slope limitation for du/dt is implemented to
reduce the EMI. An integrated active flyback voltage limitation clamps the output voltage
during the flyback phase to 50V.
Each driver is protected against short circuit and thermal overload. In short circuit condition
the output will be disabled after a short delay time tDOL to suppress spikes. This disable is
latched until a negative slope occur at the correspondent input pin. The thermal disable for
TJ > 175 °C of the output will be resetted if the junction temperature decreases about 20 °C
below the disable threshold temperature.
For the real time error diagnosis the voltage and the current of the outputs are compared
with internal fixed values VOUV for OFF and IOUC for ON conditions to recognize open load
(RL ≥ 20 kΩ, RL > 38Ω) in ON and OFF conditions. The diagnostic operates also in the
extended supply voltage range of 4.5 V
≤ V
S ≤ 32 V.
Also the output voltages VO1,2 are compared against each other in OFF condition with a
fixed offset of
ΔVO
UV 1,2 to recognize GND bypasses. To suppress mail ΔVO diagnoses
during the flyback phases of the compared output, the
ΔVO diagnostic
includes a latch function. Reaching the flyback clamping voltage VOC the diagnostic signal
is resetted by a latch. To activate again this kind of diagnostic a low signal at the
correspondent INPUT or the ENABLE pin must occur (see also Figure 5).
The diagnostic output level in connection with different ENABLE and INPUT conditions
allows to recognize different fail states, like overtemperature, short to VSS, short to GND,
bypass to GND and disconnected load (see also Table 5 on page 6).
The diagnostic output is also protected against short to UDmax. Oversteping the over load
current threshold IOo, the output current will be limited internally during the diagnostic
overload delay switch-off time tDOL.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com