Electronic Components Datasheet Search
  English  ▼

X  

BAV103 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV103
Description  SURFACE MOUNT SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV103 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV103 Datasheet HTML 1Page - Diodes Incorporated BAV103 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S12017 Rev. J-2
Page 1 of 2
BAV101-BAV103
BAV101 - BAV103
SURFACE MOUNT SWITCHING DIODE
Features
·
Case: MiniMELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Cathode Band Only
·
Weight: 0.05 grams (approx.)
Mechanical Data
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
C
A
B
Characteristic
Symbol
BAV101
BAV102
BAV103
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 1)
IFM
250
mA
Average Rectified Output Current (Note 1)
IO
125
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
1.0
A
Power Dissipation
Pd
500
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +175
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that electrodes are kept at ambient temperature.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage
VFM
¾
1.0
V
IF = 100mA
Maximum Peak Reverse Current
@ Rated DC Blocking Voltage
IRM
¾
100
15
nA
mA
TA = 25
°C
TA = 100
°C
Junction Capacitance
Cj
¾
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance


Similar Part No. - BAV103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV103 PHILIPS-BAV103 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV103 VISHAY-BAV103 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Fairchild Semiconductor
BAV103 FAIRCHILD-BAV103 Datasheet
25Kb / 3P
High Voltage, General Purpose Diode
logo
General Semiconductor
BAV103 GE-BAV103 Datasheet
144Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV103 DIOTEC-BAV103 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
More results

Similar Description - BAV103

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com