Electronic Components Datasheet Search
  English  ▼

X  

BAV199 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV199
Description  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV199 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV199 Datasheet HTML 1Page - Diodes Incorporated BAV199 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30232 Rev. 3 - 2
1 of 2
BAV199
BAV199
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: K52 & Date Code (See Page 2)
·
Weight: 0.008 grams (approx.)
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
Features
Characteristic
Symbol
BAV199
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 2)
Single diode
Double diode
IFM
160
140
mA
Repetitive Peak Forward Current (Note 2)
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Power Dissipation (Note 2)
Pd
250
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
500
°
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Short duration test pulse to minimize self-heating effect.
2. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
85
¾
¾
V
IR = 100mA
Forward Voltage (Note 1)
VF
¾
¾
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 1)
IR
¾
¾
5.0
80
nA
nA
VR = 75V
VR = 75V, Tj = 150°C
Total Capacitance
CT
¾
2
¾
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
¾
3.0
m
s
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
Very Low Leakage Current
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0°
8°
All Dimensions in mm


Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Weitron Technology
BAV199 WEITRON-BAV199 Datasheet
246Kb / 3P
Surface Mount Switching Diode
More results

Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199 DIODES-BAV199_1 Datasheet
355Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 6 - 2
logo
Galaxy Semi-Conductor H...
BAV199 BILIN-BAV199 Datasheet
171Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
106Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 9 - 2
BAV199W DIODES-BAV199W_08 Datasheet
116Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
BAV170 DIODES-BAV170_15 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 11
BAV199 DIODES-BAV199_15 Datasheet
85Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 9
logo
Unisonic Technologies
BAV199 UTC-BAV199_15 Datasheet
117Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Diode Semiconductor Kor...
BAV199 DSK-BAV199 Datasheet
218Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170_18 Datasheet
290Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 12
logo
Shenzhen Luguang Electr...
BAV199 LUGUANG-BAV199_V01 Datasheet
1Mb / 2P
Dual Surface Mount Low Leakage Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com