Electronic Components Datasheet Search
  English  ▼

X  

LBS35002L Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS35002L
Description  SAW Filter Technical Specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS35002L Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS35002L Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S P
LBS 35002L
LBS35002L SAW Filter Technical Specification
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+10dBm
DC Voltage between any 2 pins
±30VDC
Operating Temperature
-10 to +50
0C
Electrical Characteristic
Characteristic
Unit
Minimum
Typical
Maximum
Center Frequency (f0)
MHz
349.8
350
350.2
1dB Bandwidth
MHz
1.0
1.21
40dB Bandwidth
MHz
6.25
6.7
Insertion
Loss
dB
13.68
15
Amplitude Ripple
dB
0.15
0.5
Phase Linearity
degrees
4
6
Group Delay Variation
nsec
60
100
Ultimate Rejection
dB
50
55
Ambient Temperature
0C
25
Package
SMP-53
Substrate Material
Quartz
Frequency response
Package
336.4
339.8
343.2
346.6
350
353.4
356.8
360.2
363.6
-93.6878
-83.6878
-73.6878
-63.6878
-53.6878
-43.6878
-33.6878
-23.6878
-13.6878
Type Performance
Frequency(MHz)


Similar Part No. - LBS35002L

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS35002L SIPAT-LBS35002L Datasheet
104Kb / 1P
SAW Filter Technical Specification
More results

Similar Description - LBS35002L

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
SAW Filter Technical Specification
SP830 SIPAT-SP830 Datasheet
109Kb / 1P
SAW filter technical specification
SP875 SIPAT-SP875 Datasheet
110Kb / 1P
SAW filter technical specification
UE458 SIPAT-UE458 Datasheet
68Kb / 1P
SAW Filter Technical Specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
SAW filter technical specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com