Electronic Components Datasheet Search
  English  ▼

X  

2SC3087 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC3087
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3087 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC3087 Datasheet HTML 1Page - Savantic, Inc. 2SC3087 Datasheet HTML 2Page - Savantic, Inc. 2SC3087 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3087
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=4mA ; RBE=A
500
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ; IE=0
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IC=0
7
V
VCE(sat)
Collector-emitter saturation voltage
IC=3A; IB=0.6 A
1.0
V
VBE(sat)
Base-emitter saturation voltage
IC=3A; IB=0.6 A
1.5
V
ICBO
Collector cut-off current
VCB=500V ;IE=0
10
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
µA
hFE-1
DC current gain
IC=0.6A ; VCE=5V
15
50
hFE-2
DC current gain
IC=3A ; VCE=5V
8
fT
Transition frequency
IC=0.6A ; VCE=10V
18
MHz
COB
Output capacitance
f=10MHz ; VCB=10V
80
pF
Switching times
ton
Turn-on time
1.0
µs
tstg
Storage time
3.0
µs
tf
Fall time
VCC=200V; IC=4A
IB1=0.8A;IB2=-0.8A;
RL=50F
1.0
µs
hFE-1 classifications
L
M
N
15-30
20-40
30-50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com