Electronic Components Datasheet Search
  English  ▼

X  

BC587BS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC587BS
Description  DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC587BS Datasheet(HTML) 1 Page - Diodes Incorporated

  BC587BS Datasheet HTML 1Page - Diodes Incorporated BC587BS Datasheet HTML 2Page - Diodes Incorporated BC587BS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30373 Rev. 1 - 2
1 of 3
BC857BS
www.diodes.com
BC857BS
DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current (Note 1)
IC
-100
mA
Peak Collector Current (Note 1)
ICM
-200
mA
Peak Base Current (Note 1)
IBM
-200
mA
Power Dissipation at TSB = 50°C (Note 1)
Pd
200
mW
Operating and Storage Temperature Range
Tj,TSTG
-55 to +125
°C
·
Ideally Suited for Automatic Insertion
·
For Switching and AF Amplifier Applications
·
Ultra-Small Surface Mount Package
·
Case: SOT-363, Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: K3W (See Page 3)
·
Weight: 0.006 grams
Mechanical Data
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
A
B C
E
2
B
2
E
1
C
2
B
1
C
1
J
D
H
K
F
M
L
TOP VIEW
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm


Similar Part No. - BC587BS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
BC5 MULTICOMP-BC5 Datasheet
261Kb / 2P
Hand Held Boxes
17/07/19 V1.0
logo
Turck, Inc.
BC5-M18-AN4X TURCK-BC5-M18-AN4X Datasheet
162Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-AP4X TURCK-BC5-M18-AP4X Datasheet
161Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-AZ3X TURCK-BC5-M18-AZ3X Datasheet
162Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-RP4X TURCK-BC5-M18-RP4X Datasheet
163Kb / 3P
Capacitive Sensor
11/07/2023
More results

Similar Description - BC587BS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com