Electronic Components Datasheet Search
  English  ▼

X  

BC817 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC817
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817 Datasheet(HTML) 2 Page - Diodes Incorporated

  BC817 Datasheet HTML 1Page - Diodes Incorporated BC817 Datasheet HTML 2Page - Diodes Incorporated BC817 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS11107 Rev. 9 - 2
2 of 3
BC817-16/-25/-40
10
100
1000
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 2, Gain-Bandwidth Product vs Collector Current
T = 25
°C
A
f = 20MHz
V
= 5V
CE
1V
0
0.1
0.2
0.3
0.4
0.5
110
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Collector Sat. Voltage vs Collector Current
typical
limits
at T = 25
°C
A
I / I = 10
CB
150
°C
25
°C
-50
°C
100
1000
0.1
10
100
1000
110
I , COLLECTOR CURRENT (mA)
C
Fig. 4, DC Current Gain vs Collector Current
V
= 1V
CE
150
°C
T = 25
°C
A
-50
°C
100
1000
0.1
0
100
200
300
400
500
01
2
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig.5, Typical Emitter-Collector Characteristics
3.2
2.8
2
1.4
1.2
I = 0.2mA
B
0.8
0.6
0.4
1.6
2.4
1.8
0
20
40
60
80
100
010
20
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig.6, Typical Emitter-Collector Characteristics
I = 0.05mA
B
0.1
0.15
0.2
0.25
0.3
0.35
0
100
200
300
400
0100
200
T
, SUBSTRATE TEMPERATURE (
°C)
SB
Fig. 1, Power Derating Curve
See Note 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com