Electronic Components Datasheet Search
  English  ▼

X  

AFB0505MD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFB0505MD
Description  50 x 50 x 20 MM SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFB0505MD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFB0505MD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AFB0505/12/24XD
0
0.06
0.12
0.18
0.24
0.30
0.36
(CFM)
32.0
24.0
16.0
8.0
0
Air Flow
3
(M /MIN)
4.5
0
1.5
3.0
6.0
7.5
9.0
1.0
0.6
0.8
0.4
0.2
0
OUTLET SIDE
INLET SIDE
VH
HH
H
M
L
20.0
±0.5
(0.787
±0.020)
3.0
±0.3
(0.118
±0.012)
50.0
±0.5
(1.969
±0.020)
40.0
±0.3
(1.575
±0.012)
10.0
(0.394)
47.8
(1.882)
40.0
(1.575)
330.0
±10.0
(12.992
±0.394)
4-ø4.3
±0.3
(4-ø0.169
±0.012)
4-ø4.3
(4-ø0.169)
47.8
(1.882)
40.0
(1.575)
4-ø4.3
(4-ø0.169)
mm
(INCH)
UNIT:
UNIT:
(INCH)
mm
10
http://www.deltaww.com
AFB
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
50 x 50 x 20 MM SERIES
* Bearing Type
Two Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 38g (1.34 oz)
* Rib Type Only
MODEL
Rated
Voltage
Operating
Voltage
Range
Rated
Current
Rated
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0505LD
-R00 / -F00
5
4.5 to 5.5
0.14
0.70
4000
0.311
10.98
2.42
0.095
25.0
AFB0512LD
-R00 / -F00
12
7.0 to 13.8
0.06
0.72
AFB0524LD
-R00 / -F00
24
14.0 to 27.6
0.05
1.20
AFB0505MD
-R00 / -F00
5
4.5 to 5.5
0.20
1.00
4800
0.379
13.39
3.48
0.137
28.0
AFB0512MD
-R00 / -F00
12
7.0 to 13.8
0.07
0.84
AFB0524MD
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
AFB0505HD
-R00 / -F00
5
4.5 to 5.5
0.33
1.65
5600
0.447
15.79
4.62
0.182
33.0
AFB0512HD
-R00 / -F00
12
7.0 to 13.8
0.10
1.20
AFB0524HD
-R00 / -F00
24
14.0 to 27.6
0.07
1.68
AFB0512HHD
-R00 / -F00
12
7.0 to 13.8
0.14
1.68
6400
0.518
18.30
6.44
0.254
37.0
AFB0524HHD
-R00 / -F00
24
14.0 to 27.6
0.09
2.16
AFB0512VHD
-R00 / -F00
12
7.0 to 13.8
0.16
1.92
7000
0.575
20.30
7.70
0.303
40.5
AFB0524VHD
-R00 / -F00
24
14.0 to 27.6
0.10
2.40
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.


Similar Part No. - AFB0505MD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0505MB DELTA-AFB0505MB Datasheet
358Kb / 2P
50 x 50 x 15 MM SERIES
More results

Similar Description - AFB0505MD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
Delta Electronics, Inc.
AFB0512HHB DELTA-AFB0512HHB Datasheet
358Kb / 2P
50 x 50 x 15 MM SERIES
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
logo
Advanced XTAL Products
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
Miniature Rubidium Oscillator in 50 x 50 mm Package
logo
Schneider Electric
ZBY6H101 SCHNEIDER-ZBY6H101 Datasheet
114Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com