Electronic Components Datasheet Search
  English  ▼

X  

AD8312 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8312
Description  Tape and Reel Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 1 Page - Analog Devices

  AD8312 Datasheet HTML 1Page - Analog Devices AD8312 Datasheet HTML 2Page - Analog Devices AD8312 Datasheet HTML 3Page - Analog Devices AD8312 Datasheet HTML 4Page - Analog Devices AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tape and Reel Packaging
Introduction
The electronics industry is making a tremendous investment in surface-
mount technology. The reasons for this investment include cost savings
resulting from automated component placement and increased density
of PCB layout due to smaller package sizes.
Today’s placement machines can pick and place thousands of components
per hour with a very high degree of accuracy. To achieve this performance,
the component delivery system must be capable of feeding parts at high
speeds in a consistent orientation, positively indexed to the demands of the
machine. The leads of the components must be protected from damage
during shipment, handling, and placement.
The preferred packing material available today for these demands is
tape and reel. Analog Devices’ tape and reel system is fully compatible
with the detaping equipment that is standard in most automated place-
ment equipment.
In the tape and reel format, the components are placed in specifically
designed pockets embossed in a plastic carrier tape. The cover tape is
sealed to the carrier tape to keep the parts in place in these pockets. A row
of sprocket holes is provided along one edge of the embossed tape to facili-
tate positive indexing. The tape is then wound onto a rigid plastic reel that
provides mechanical protection during handling and storage. These reels
are dust-free and compatible with a clean environment.
Specifications
Analog Devices’ tape and reel specifications are in conformance with the
EIA Standard 481 “Taping of Surface-Mount Components for Automatic
Placement.”
ESD Protection
Analog Devices’ tape and reel delivery system is designed to offer a very
high degree of protection against electrostatic discharge (ESD). All tape
and reel materials are static-dissipative. In addition, drypacked reels are
shipped in moisture barrier bags; nondrypacked reels are shipped in a box
with ESD conductive coating or in a conductive ESD bag. To retain the bene-
fits of this protection, the bags should be opened only at ESD controlled
workstations by trained personnel.
Peel Back Strength
The peel back force will be between 10 g and 100 g for 8 mm wide
tape and 10 g to 130 g for tapes 12 mm and wider when tested at room
temperature and pulled at a 175° to 180° angle with a peel-off speed of
300
± 10 mm/min.
Direction of Feed
Direction of feed is defined as the direction in which the end user unreels
the tape. The direction of feed for all products is counterclockwise when the
reel is held with the round sprocket holes facing the observer.
Figure 1. Direction of feed.
www.analog.com


Similar Part No. - AD8312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
AD8312 AD-AD8312 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
Rev. B
AD8312-EVAL AD-AD8312-EVAL Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8312-EVALZ AD-AD8312-EVALZ Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
Rev. B
AD8312ACBZ-P2 AD-AD8312ACBZ-P2 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
More results

Similar Description - AD8312

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
Tape and reel packaging
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
Tape and Reel Packaging Available
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
Tape and Reel Packaging Available
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
Tape and Reel Packaging
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
Tape and reel packaging available
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
Tape and reel packaging
09-May-2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com