Electronic Components Datasheet Search
  English  ▼

X  

AD9949 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9949
Description  Tape and Reel Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 5 Page - Analog Devices

  AD9949 Datasheet HTML 1Page - Analog Devices AD9949 Datasheet HTML 2Page - Analog Devices AD9949 Datasheet HTML 3Page - Analog Devices AD9949 Datasheet HTML 4Page - Analog Devices AD9949 Datasheet HTML 5Page - Analog Devices AD9949 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Table 2. WLCSP/Bumped Die Sales Tape and Reel
Part Number
Device
Package Type
Package
Designator
Die Size
X (
����m)
Die Size
Y (
����m)
Die Size
Z (
����m)
Reel Quantity
Tape Width
(mm)
Tape Pitch
(mm)
Pin 1
Orientation
7" Reel
13" Reel
(4" Hub)
13" Reel
(6" Hub)
ADG3304
WLCSP
CB
1610
2010
655
N/A
3000
10,000
8
4
C1
ADG787
WLCSP
CB
1500
2000
655
N/A
3000
10,000
8
4
C1
ADG819
WLCSP
CB
1140
2180
605
N/A
3000
10,000
8
4
C1
ADG884
WLCSP
CB
1500
2000
655
N/A
3000
10,000
8
4
C1
ADG888
WLCSP
CB
2000
2000
655
N/A
3000
10,000
8
4
C1
ADL55001
WLCSP
CB
1000
1000
596
250
3000
10,000
8
4
C1
ADM8834
WLCSP
CB
2000
2000
605
N/A
4000
15,000
8
4
C1
AD6548
Bumped chip
CD
3240
3140
350
N/A
N/A
3000
12
8
C2
AD7877
WLCSP
CB
2765
2545
600
N/A
3000
10,000
8
4
C1
AD8205
CHIP
C
1650
1650
710
N/A
4000
10,000
8
4
C1
AD8311/AD8312
WLCSP
CB
1000
1500
596
250
3000
N/A
8
4
C1
AD8605
WLCSP
CB
940
1330
496
N/A
4000
15,000
8
4
C1
AD9938
Bumped chip
CD
2675
4290
501
N/A
3000
N/A
12
4
C1
AD5801
WLCSP
CB
3270
3170
655
N/A
1500
5000
12
8
C4
AD58012
WLCSP
CB
3270
3170
555
N/A
1500
5000
12
8
C4
AD5398
WLCSP
CB
1515
1690
655
N/A
3000
10,000
8
4
C1
AD9948/AD9949
WLCSP
CB
2710
3360
563
N/A
3000
10,000
8
4
C1
ADG3308
WLCSP
CB
1960
2460
600
N/A
3000
10,000
8
4
C1
ADG790
WLCSP
CB
2500
3000
656
N/A
3000
10,000
8
4
C1
AD5806
WLCSP
CB
2500
2500
656
N/A
3000
10,000
8
4
C1
ADAU1301
Bumped chip
CD
1275
875
350
N/A
5000
10,000
8
4
C1
AD5820
WLCSP
CB
1035
1500
656
N/A
3000
10,000
8
4
C1
AD58202
WLCSP
CB
1035
1500
555
N/A
3000
10,000
8
4
C1
AD5805
WLCSP
CB
1170
1890
505
N/A
3000
10,000
8
4
C1
AD15/AD416
WLCSP
CB
1960
2460
600
N/A
3000
10,000
8
4
C2
AD5821
WLCSP
CB
1515
1690
655
N/A
3000
10,000
8
4
C1
ADV7521
WLCSP
CB
3500
3500
605
N/A
1500
5000
12
8
C1
1
C-Pak part number 4205418-2/A (BD0090X0090) is the only approved carrier tape for the ADL5500 WLCSP.
2
Special carrier tapes exist for these products, where the required wafer thickness is 12 mil and the required spheres are 250
μm.
Table 3. Small Quantity Reel
Device Package Type
Package
Designator
Body Size
(mm)
Number
of Leads
Reel Quantity
Tape Width (mm) Tape Pitch (mm)
Pin 1
Orientation
7" Reel
SOT-23
RT
N/A
3
250
8
4
C4
SOT-231
RJ/RT
N/A
5, 6, 8
250
8
4
C4
SOT-143
RT
N/A
4
250
8
4
C4
SC70
KS
N/A
3, 4, 5, 6
250
8
4
C4
MSOP
RM
N/A
8, 10
250
12
8
C1
WLCSP2
CB
N/A
All counts
250
See Table 2
See Table 2
See Table 2
LFCSP
CP
3
× 2
All counts
250
12
4
C1
LFCSP
CP
3
× 3
All counts
250
12
8
C2
LFCSP
CP
4
× 4
All counts
250
12
8
C2
LFCSP
CP
5
× 5
All counts
250
12
8
C2
1
For SOT-23 packages prior to Rev. W, all products and lead counts use RT. For SOT-23 packages from Rev. W, all new products with greater than three leads use the RJ designator.
2
For actual WLCSP products available in small quantity reels, please cross reference with “7” reel (small quantity)” column of Table 2.
Glossary
REEL7 (aka R7 or RL7)
This is a 7" reel. Quantities vary based on package size.
Reel (aka RL or R)
This is a 13" reel. Quantities vary based on package size.
Waffle Pack
A small 2"
× 2" tray designed to contain a small quantity of product in small packages, such as LFCSP, and in die
forms like bare die, bumped chip, and WLCSPs.
5
| Tape and Reel Packaging



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com