Electronic Components Datasheet Search
  English  ▼

X  

BFR92A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BFR92A
Description  NPN WIDEBAND TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BFR92A Datasheet(HTML) 4 Page - Diodes Incorporated

  BFR92A Datasheet HTML 1Page - Diodes Incorporated BFR92A Datasheet HTML 2Page - Diodes Incorporated BFR92A Datasheet HTML 3Page - Diodes Incorporated BFR92A Datasheet HTML 4Page - Diodes Incorporated BFR92A Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D
S30031 Rev. B-5
4 of 5
BFR92A
Common Emitter S - Parameters @ TA = 25°C, ZO = 50W unless otherwise specified
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LINEAR
MAG
ANGULAR
MAG
LINEAR
MAG
ANGULAR
MAG
LINEAR
MAG
ANGULAR
MAG
LINEAR
MAG
ANGULAR
MAG
¾
DEGREE
¾
DEGREE
¾
DEGREE
¾
DEGREE
10
2.0
100
300
500
800
1000
1200
1500
1800
2000
0.915
0.780
0.597
0.405
0.339
0.294
0.261
0.240
0.243
-16.2
-46.7
-71.2
-97.6
-113.1
-129.6
-155.8
179.2
163.2
6.32
5.56
4.57
3.37
2.87
2.53
2.13
1.84
1.70
165.5
139.6
119.9
101.0
92.3
84.2
73.7
64.8
59.8
0.020
0.054
0.073
0.089
0.098
0.107
0.121
0.136
0.149
80.5
65.1
55.8
52.2
53.0
54.3
56.8
59.2
61.1
0.981
0.883
0.778
0.692
0.677
0.663
0.643
0.630
0.630
-6.2
-16.1
-20.4
-21.6
-22.4
-24.0
-27.0
-29.6
-31.4
5.0
100
300
500
800
1000
1200
1500
1800
2000
0.816
0.569
0.372
0.220
0.175
0.153
0.153
0.157
0.170
-24.3
-62.7
-87.9
-114.2
-129.6
-145.8
-175.7
158.0
143.4
12.50
9.15
6.55
4.41
3.63
3.13
2.59
2.22
2.04
157.7
125.3
106.9
91.6
84.6
78.3
69.7
62.1
57.9
0.019
0.044
0.059
0.079
0.093
0.107
0.129
0.152
0.168
77.2
63.6
60.6
62.3
63.9
64.8
65.5
65.5
65.3
0.947
0.761
0.647
0.592
0.590
0.589
0.576
0.567
0.567
-10.3
-20.5
-21.1
-18.8
-19.1
-20.8
-24.1
-26.6
-28.7
10
100
300
500
800
1000
1200
1500
1800
2000
0.696
0.397
0.237
0.132
0.103
0.097
0.116
0.133
0.148
-33.7
-75.7
-101.2
-130.2
-149.3
-165.8
167.2
141.3
129.4
18.83
11.20
7.41
4.81
3.92
3.35
2.76
2.36
2.16
148.4
114.4
99.0
86.4
80.4
75.0
67.5
60.4
56.4
0.017
0.038
0.054
0.078
0.094
0.111
0.136
0.160
0.178
74.6
66.4
67.0
68.9
69.4
69.5
69.0
67.9
66.8
0.896
0.666
0.577
0.553
0.560
0.561
0.551
0.545
0.549
-13.8
-20.8
-18.6
-15.5
-16.0
-18.2
-21.9
-24.4
-27.1
14
100
300
500
800
1000
1200
1500
1800
2000
0.639
0.339
0.199
0.113
0.093
0.090
0.118
0.137
0.155
-38.8
-82.4
-110.0
-144.1
160.9
179.0
158.6
137.7
125.7
21.41
11.61
7.52
4.83
3.93
3.36
2.76
2.35
2.16
143.8
110.2
96.3
84.4
78.9
73.7
66.4
59.5
55.6
0.016
0.036
0.053
0.077
0.094
0.110
0.136
0.161
0.178
73.2
67.5
69.4
70.7
71.1
70.5
69.8
68.4
67.4
0.866
0.636
0.562
0.549
0.556
0.560
0.550
0.546
0.548
-15.2
-19.8
-16.9
-14.2
-14.9
-17.3
-21.0
-24.0
-26.5
20
100
300
500
800
1000
1200
1500
1800
2000
0.576
0.286
0.177
0.113
0.101
0.107
0.136
0.160
0.181
-45.8
-91.7
-123.1
-161.1
-177.3
168.1
152.5
133.1
124.2
23.38
11.55
7.34
4.69
3.81
3.24
2.67
2.27
2.09
138.5
106.1
93.4
82.2
77.1
72.0
64.8
58.1
54.0
0.015
0.034
0.051
0.075
0.092
0.109
0.159
0.176
72.0
69.0
71.3
72.4
72.4
71.9
70.9
69.5
68.4
0.836
0.620
0.565
0.557
0.568
0.571
0.564
0.559
0.560
-15.8
-17.7
-14.7
-12.6
-13.8
-16.4
-20.4
-23.5
-25.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com