Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM4521 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSPM4521 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSPM4521 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM4521 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZSPM4521
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00— February 14, 2013
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
Typical Applications
Portable solar chargers
Off-grid systems
Wireless sensor
networks
HVAC controls
VIN
BATT Current
Control
Gate
Drive
Gate
Drive
Gate Drive
Control
VBAT
SW
Oscillator
Ramp
Generator
Comparator
Error Amp
GND
MONITOR
&
CONTROL
BATT Thermal
Control
Over-
Voltage
Protection
VBAT
VIN
VIN
EN
PGND
NFLT
COUT
LOUT
BATTERY
Compensation
Network
VTH_REF
VTHERM
Photovoltaic
Cells
~5V @ 450mA
Vref
VBAT
RTHM
RREF
RSENSE
VSENSE
MPP & Current
Control
SCL
SDA
VIN
CIN
VDD
CVDD
VDD Regulator
VIN
Backgate
Blocking
ZSPM4521
I²C
™*
Interface
*I
2C™ is a trademark of NXP.
ZSPM4521 Block Diagram
Ordering Information
Ordering Code
Description
Package
ZSPM4521AA1W
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-
pin PQFN / 7” Reel (1000 parts)
ZSPM4521AA1R
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-
pin PQFN / 13” Reel (3300 parts)
ZSPM4521KIT
ZSPM4521 Evaluation Kit
Sales and Further Information
www.zmdi.com
Analog@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD Far East, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korea Office
U-space 1 Building
11th Floor, Unit JA-1102
670 Sampyeong-dong
Bundang-gu, Seongnam-si
Gyeonggi-do, 463-400
Korea
Phone +49.351.8822.7.776
Fax
+49.351.8822.8.7776
Phone +855.275.9634 (USA)
Phone +408.883.6310
Fax
+408.883.6358
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.31.950.7679
Fax
+82.504.841.3026
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or
any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for an y damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com