Electronic Components Datasheet Search
  English  ▼

X  

APF10212 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # APF10212
Description  Compliant with European standards 1a/1c 6A Slim power relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APF10212 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  APF10212 Datasheet HTML 1Page - Panasonic Semiconductor APF10212 Datasheet HTML 2Page - Panasonic Semiconductor APF10212 Datasheet HTML 3Page - Panasonic Semiconductor APF10212 Datasheet HTML 4Page - Panasonic Semiconductor APF10212 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PF (APF)
ASCTB205E 201202-T
TYPES
RATING
1. Coil data
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
4.5V DC
Max. 70%V
nominal voltage
(Initial)
Min. 5%V
nominal voltage
(Initial)
37.8mA
119
Ω
170mW
120%V of
nominal voltage
5V DC
34.0mA
147
Ω
6V DC
28.3mA
212
Ω
9V DC
18.9mA
476
Ω
12V DC
14.2mA
847
Ω
18V DC
9.4mA
1,906
Ω
24V DC
7.1mA
3,388
Ω
48V DC
4.5mA
10,618
Ω
217mW
60V DC
2.9mA
20,570
Ω
175mW
Standard packing: Tube: 20 pcs.; Case: 1,000 pcs.
Contact arrangement
Nominal coil voltage
Part No.
1 Form A
(AgNi type)
4.5V DC
APF1024H
5V DC
APF10205
6V DC
APF10206
9V DC
APF10209
12V DC
APF10212
18V DC
APF10218
24V DC
APF10224
48V DC
APF10248
60V DC
APF10260
1 Form A
(AgNi type/Au-plated)
4.5V DC
APF1034H
5V DC
APF10305
6V DC
APF10306
9V DC
APF10309
12V DC
APF10312
18V DC
APF10318
24V DC
APF10324
48V DC
APF10348
60V DC
APF10360
Contact arrangement
Nominal coil voltage
Part No.
1 Form C
(AgNi type)
4.5V DC
APF3024H
5V DC
APF30205
6V DC
APF30206
9V DC
APF30209
12V DC
APF30212
18V DC
APF30218
24V DC
APF30224
48V DC
APF30248
60V DC
APF30260
1 Form C
(AgNi type/Au-plated)
4.5V DC
APF3034H
5V DC
APF30305
6V DC
APF30306
9V DC
APF30309
12V DC
APF30312
18V DC
APF30318
24V DC
APF30324
48V DC
APF30348
60V DC
APF30360



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com