Electronic Components Datasheet Search
  English  ▼

X  

ZSPM9010 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSPM9010
Description  Ultra-Compact, High-Performance DrMOS Device
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM9010 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSPM9010 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSPM9010 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ZSPM9010
Ultra-Compact, High-Performance, High-Frequency DrMOS
Data Sheet
March 8, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev.1.04
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
9 of 27
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Side Driver
Output Impedance, Sourcing
RSOURCE_GH Source Current=100mA
1
Ω
Output Impedance, Sinking
RSINK_GH
Sink Current=100mA
0.8
Ω
Rise Time for GH=10% to 90%
tR_GH
6
ns
Fall Time for GH=90% to 10%
tF_GH
5
ns
LS to HS Deadband Time: GL
going LOW to GH going HIGH,
1V GL to 10 % GH
tD_DEADON
10
ns
PWM LOW Propagation Delay:
PWM going LOW to GH going
LOW, VIL_PWM to 90% GH
tPD_PLGHL
16
30
ns
PWM HIGH Propagation Delay
with SMOD# Held LOW:
PWM going HIGH to GH going
HIGH, VIH_PWM to 10% GH
tPD_PHGHH
SMOD# = LOW
30
ns
Propagation Delay Exiting
Tri-state: PWM (from Tri-state)
going HIGH to GH going HIGH,
VIH_PWM to 10% GH
tPD_TSGHH
30
ns
Low-Side Driver
Output Impedance, Sourcing
RSOURCE_GL
Source Current=100mA
1
Ω
Output Impedance, Sinking
RSINK_GL
Sink Current=100mA
0.5
Ω
Rise Time for GL = 10% to 90%
tR_GL
20
ns
Fall Time for GL = 90% to 10%
tF_GL
13
ns
HS to LS Deadband Time:
SW going LOW to GL going
HIGH, 2.2V SW to 10% GL
tD_DEADOFF
12
ns
PWM-HIGH Propagation Delay:
PWM going HIGH to GL going
LOW, VIH_PWM to 90% GL
tPD_PHGLL
9
25
ns
Propagation Delay Exiting
Tri-state: PWM (from Tri-state)
going LOW to GL going HIGH,
VIL_PWM to 10% GL
tPD_TSGLH
20
ns
Boot Diode
Forward-Voltage Drop
VF
IF=10mA
0.35
V
Breakdown Voltage
VR
IR=1mA
22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com