Electronic Components Datasheet Search
  English  ▼

X  

AT7813 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT7813
Description  COMPACT SIZE TIMER COMMON OPTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT7813 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT7813 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT7813 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT7813 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMPACT SIZE TIMER COMMON OPTIONS
Flush Type
1. Flush type mounting frame
Notes:
1. The thickness of all applicable panels ranges from 1.0 to 3.5 mm .039 to .138 inch.
2. * indicates the distance between the mounting holes which are parallel cut on the panel.
Appearance
Color
Gray
AT7851
Black
AT7852
Silver
Gray
AT7853
Gray
AT7811
Black
AT7812
Silver
Gray
AT7813
Gray
AT7821
Black
AT7822
Silver
Gray
AT7823
Gray
AT7831
Gray
AT7841
Part number
Front View
(Installing onto
control panel)
Mounting Hole Dimensions (Unit: mm inch)
Recommended Hole
(For newly designed frame)
Applicable Mounting Hole
(For installing in the old hole)
62.8
2.472
62.8
2.472
62.8
2.472
62.8
2.472
62.8
2.472
48
1.890
58
2.283
+
43.5
0.5
0
+
1.713
.020
0
0.5
0
50.5
+
.020
0
1.988
+
R: 2 .079
less
or
45 0
+0.5
1.772 0
+.020
55
+0.5
0
2.165
+.020
0
R: 2 .079
less
or
58
2.283
48
1.890
±
39
0.3
±
1.535
.012
±
53
0.3
±
2.087
.012
R: 2 .079
less
or
50
1.969
74
2.913
53
±
39
0.3
±
1.535
.012
±0.3
2.087
±.012
R: 2 .079
less
or
43.5
53
±0.3
2.087
±.012
±
39
0.3
±
1.535
.012
2-
62
±0.1
2.441
±.004
.177
2- 4.5
51
±0.3
2.008
±.012
+0.5
0
1.713
+.020
0
50.5
+0.5
0
1.988
+.020
0
0.3
44
±
.012
1.732
±
±
62
0.1
±
2.441
.004
R: 2 .079
less
or
R: 2 .079
less
or
R: 2 .079
less
or
2- .177
2- 4.5
φ
φ
φ
φ
58
2.283
88
3.465
76
53
+0.1
2.992
+.004
39
±
±0.3
2.087
±.012
0.3
1.535
±.012
2- .177
2- 4.5
R: 2 .079
less
or
φ
φ
88
3.465
58
2.283
0.3
+
76
66
±
.012
2.598
±
0.1
+
2.992
.004
±
52
0.3
±
2.047
.012
R: 2 .079
less
or
2- .177
2- 4.5
φ
φ
44
66
±0.3
2.598
±.012
±0.3
1.732
±.012
R: 2 .079
less
or
*Distance between parallel
drilled holes: 6.5 mm or more
*Distance between parallel
drilled holes: 11 mm or more
*Distance between parallel
drilled holes: 13 mm or more
*Distance between parallel
drilled holes: 21 mm or more
*Distance between parallel
drilled holes: 8 mm or more
*Distance between parallel
drilled holes: 16 mm or more
*Distance between
parallel drilled holes:
13 mm or more
*Distance between
parallel drilled holes:
8 mm or more
*Distance between
parallel drilled holes:
8.5 mm or more
*Distance between parallel
drilled holes: 5 mm or more
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AT7813

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
DVD / CD ATAPI CONTROLLER
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
DVD/CD Servo
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
DVD/CD Read Channel
AT78C1507 ATMEL-AT78C1507 Datasheet
107Kb / 14P
DVD/CD Read Channel
AT78C4050 ATMEL-AT78C4050 Datasheet
137Kb / 5P
DVD PRML Channel and System Controller SoC
More results

Similar Description - AT7813

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92F31 OMRON-Y92F31 Datasheet
234Kb / 11P
Economical, Compact, Plug-in Timer
logo
List of Unclassifed Man...
AT8-DA4 ETC2-AT8-DA4 Datasheet
221Kb / 2P
DIN SIZE TIMERS COMMON OPTIONS
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
Ultra Compact Size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
Compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
Compact size
logo
List of Unclassifed Man...
9050JCK60V20 ETC2-9050JCK60V20 Datasheet
53Kb / 1P
TIMER RELAY 240VAC 10AMP OPTIONS
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
Compact Size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
Compact size
C46 SURGE-C46 Datasheet
2Mb / 9P
Compact size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
Extremely compact size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com