Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC858C
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC858C Datasheet(HTML) 1 Page - Diodes Incorporated

  BC858C Datasheet HTML 1Page - Diodes Incorporated BC858C Datasheet HTML 2Page - Diodes Incorporated BC858C Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS11207 Rev. 12 - 2
1 of 3
BC856A-BC858C
BC856A - BC858C
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Current gain subgroup “C” is not available for BC856.
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858
VCBO
-80
-50
-30
V
Collector-Emitter Voltage
BC856
BC857
BC858
VCEO
-65
-45
-30
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Marking Code (Note 2)
Type
Marking
Type
Marking
BC856A
3A, K3A
BC857C
3G, K3G
BC856B
3B, K3B
BC858A
3J, K3J, K3A, K3V
BC857A
3E, K3V, K3A
BC858B
3K, K3K, K3B, K3W
BC857B
3F, K3W, K3B
BC858C
3L, K3L, K3G
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
·
Ideally Suited for Automatic Insertion
·
Complementary NPN Types Available
(BC846-BC848)
·
For Switching and AF Amplifier Applications
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Pin Connections: See Diagram
·
Marking Codes (See Table Below & Diagram
on Page 3)
·
Ordering & Date Code Information: See Page 3
·
Approx. Weight: 0.008 grams
Mechanical Data
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
C
BE
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0
°
8
°
All Dimensions in mm


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC858C FAIRCHILD-BC858C Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Micro Commercial Compon...
BC858C MCC-BC858C Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
logo
Infineon Technologies A...
BC858C INFINEON-BC858C Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com