Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3154 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3154 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZSSC3154 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ZSSC3154
Automotive Sensor Signal Conditioner with Dual Analog Output
Evaluation Kit
March 13, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 23
The “updated” LED displays the software configuration status compared with the attached ZSSC3154’s
register content. If the content is identical, the LED is green (on).
3.4.3.
Analog Front End (AFE) Adjustment
The ZSSC3154 has different options to adapt the analog front end
(AFE) to the specific sensing element.
The “Sensor - Full Bridge” and
“Half Bridge” sections (shown in Figure 3.5) influence the program-
mable gain amplifier (PGA) and extended zero compensation.
The s
ensor’s span or sensitivity is defined by mV/V and is referenced
to the bridge supply voltage.
Different reference voltages can be selected for the Half Bridge, which
are entered as a percentage of the positive analog supply voltage
(VDDA).
Refer to the ZSSC3154 Data Sheet for details about AFE and XZC
settings.
The polarity of the sensor signal can be selected by the
button
and can be changed if the PCB layout requires swapped input pins.
3.4.4.
Temperature Sensor Selection
The next stage in the AFE is the multiplexer that selects the input
signal for measuring temperature (see Figure 3.6). The ZSSC3154
can use three different temperature channels: one internal and two
external. Each input can be used for calibration calculation. External
temperature sensors can be used as an optional additional output
signal during Normal Operating Mode (NOM).
3.4.5.
ADC Settings
The last stage of the AFE is the analog-to-digital converter (ADC).
The signal path within the AFE is designed in fully differential switched
capacitor technology with a selectable resolution of 13 or 14 bits. It is
necessary to provide an ADC input within 10% to 90% of the ADC
range of the application.
Refer to the ZSSC3154 Data Sheet for details about ADC settings.
If the analog input voltage does not fit the ADC range and an
underflow or overflow occurs, the “Range Shift” option can be used for
fine-tuning
. A lower “Span” setting in the “Sensor Adaptation” section
can also be useful for fitting the ADC range.
The ADC resolution first step of the conversion integration phase can
be adjusted, which influences the integration time. Select a conver-
sion time that is as long as possible to secure a high degree of noise
suppression.
If enabled, the clock divider makes the ADC operate with half of the
clock frequency. This increases accuracy and linearity.
Figure 3.5 Bridge Sensor Adaptation
Figure 3.6 Temperature Sensor
Figure 3.7 ADC Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com