Electronic Components Datasheet Search
  English  ▼

X  

BY269 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BY269
Description  0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BY269 Datasheet(HTML) 1 Page - Diodes Incorporated

  BY269 Datasheet HTML 1Page - Diodes Incorporated BY269 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30035 Rev. A - PRELIMINARY
1 of 2
BY268 / BY269
Features
BY268 / BY269
0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY
RECTIFIER
A
A
B
C
D
SOD-57
Dim
Min
Max
A
26.0
¾
B
¾
4.2
C
¾
0.82
D
¾
3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @Tj =25°C unless otherwise specified
·
Hermetically Sealed Glass Body Construction
·
High Voltage to 1800V with Low Leakage
·
Surge Overload Rating to 20A Peak
Mechanical Data
·
Case: SOD-57, Glass
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Weight: 0.50 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Characteristic
Symbol
BY268
BY269
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1400
1600
V
RMS Reverse Voltage
VR(RMS)
980
1120
V
Non-Repetitive Peak Reverse Voltage
VRSM
1600
1800
V
Average Rectified Output Current
(Note 1)
IO
800
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
20
A
Forward Voltage
@ IF = 400mA
VFM
1.25
V
Peak Reverse Leakage Current
@ Tj =25°C
at Rated DC Blocking Voltage
@ Tj = 100°C
IRM
2.0
15
mA
Reverse Recovery Time (Note 2)
trr
400
ns
Typical Thermal Resistance Junction to Ambient (Note 1)
RqJA
110
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 25mm from the case.
2. Measured with IF = 1.0A, IR = 1.0A, Irr = 0.25A. See Figure 4.


Similar Part No. - BY269

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY269 VISHAY-BY269 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY269 VISHAY-BY269 Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
BY269 VISHAY-BY269 Datasheet
119Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY269 VISHAY-BY269 Datasheet
125Kb / 5P
Fast Avalanche Sinterglass Diode
12-Sep-12
logo
New Jersey Semi-Conduct...
BY269 NJSEMI-BY269 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
More results

Similar Description - BY269

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BYT40Y DIODES-BYT40Y Datasheet
61Kb / 2P
1.0A HIGH VOLTAGE GLASS BODY RECTIFIER
DS30032 Rev. B-5
logo
Gulf Semiconductor
AU02JG GULFSEMI-AU02JG Datasheet
81Kb / 2P
FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 600V CURRENT: 0.8A
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
RMD01 GULFSEMI-RMD01 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 100V CURRENT:0.8A
RMD04 GULFSEMI-RMD04 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 400V CURRENT:0.8A
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Zibo Seno Electronic En...
R05S ZSELEC-R05S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com