Electronic Components Datasheet Search
  English  ▼

X  

EC6A13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC6A13
Description  7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC6A13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC6A13 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC6A13 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC6A13 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
︳EC6ASERIES
7.5WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 7.5W Isolated Output
* 24-Pin DIP Package
* Efficiency to 87%
* 2:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
* Without Tantalum Capacitor inside
NOTE: 1. Nominal Input Voltage: 12, 24 or 48VDC
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT CURRENT
INPUT CURRENT
%
EFF.
Capacitor
Load max.
MIN.
MAX.
NO LOAD FULL LOAD
EC6A01
9-18VDC
5VDC
0 mA
1500 mA
25 mA
781 mA 80
4700uF
EC6A02
9-18VDC
12VDC
0 mA
625 mA
25 mA
753 mA 83
4700uF
EC6A03
9-18VDC
15VDC
0 mA
500 mA
25 mA
744 mA 84
4700uF
EC6A04
9-18VDC
±5VDC
0 mA
±750 mA
30 mA
772 mA 81
2200uF
EC6A05
9-18VDC
±12VDC
0 mA
±310 mA
30 mA
753 mA 83
2200uF
EC6A06
9-18VDC
±15VDC
0 mA
±250 mA
30 mA
753 mA 83
2200uF
EC6A07
9-18VDC
3.3VDC
0 mA
1500 mA
25 mA
529 mA 78
4700uF
EC6A11
18-36VDC
5VDC
0 mA
1500 mA
20 mA
377 mA 83
4700uF
EC6A12
18-36VDC
12VDC
0 mA
625 mA
20 mA
359 mA 87
4700uF
EC6A13
18-36VDC
15VDC
0 mA
500 mA
20 mA
359 mA 87
4700uF
EC6A14
18-36VDC
±5VDC
0 mA
±750 mA
25 mA
372 mA 84
2200uF
EC6A15
18-36VDC
±12VDC
0 mA
±310 mA
25 mA
356 mA 87
2200uF
EC6A16
18-36VDC
±15VDC
0 mA
±250 mA
25 mA
372 mA 84
2200uF
EC6A17
18-36VDC
3.3VDC
0 mA
1500 mA
20 mA
264 mA 78
4700uF
EC6A21
36-72VDC
5VDC
0 mA
1500 mA
10 mA
193 mA 81
4700uF
EC6A22
36-72VDC
12VDC
0 mA
625 mA
10 mA
184 mA 85
4700uF
EC6A23
36-72VDC
15VDC
0 mA
500 mA
10 mA
182 mA 86
4700uF
EC6A24
36-72VDC
±5VDC
0 mA
±750 mA
15 mA
191 mA 82
2200uF
EC6A25
36-72VDC
±12VDC
0 mA
±310 mA
15 mA
182 mA 85
2200uF
EC6A26
36-72VDC
±15VDC
0 mA
±250 mA
15 mA
184 mA 85
2200uF
EC6A27
36-72VDC
3.3VDC
0 mA
1500 mA
10 mA
136 mA 76
4700uF


Similar Part No. - EC6A13

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC6A13 CINCON-EC6A13 Datasheet
183Kb / 2P
7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC6A13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC4A15HM ETC2-EC4A15HM Datasheet
187Kb / 3P
5-6WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC6A CINCON-EC6A Datasheet
183Kb / 2P
7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com