Electronic Components Datasheet Search
  English  ▼

X  

CTA2P1N Datasheet(PDF) 4 Page - Diodes Incorporated

Part # CTA2P1N
Description  COMPLEX TRANSISTOR ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2P1N Datasheet(HTML) 4 Page - Diodes Incorporated

  CTA2P1N Datasheet HTML 1Page - Diodes Incorporated CTA2P1N Datasheet HTML 2Page - Diodes Incorporated CTA2P1N Datasheet HTML 3Page - Diodes Incorporated CTA2P1N Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30296 Rev. 2 - 2
4 of 4
CTA2P1N
0
2
1
4
3
0
0.2
0.4
0.6
0.8
1
ID, DRAIN CURRENT (A)
Fig.7 Typical Transfer Characteristics (2N7002)
6
5
8
7
10
9
V
= 10V
DS
T = -55°C
A
T = +25°C
A
T = +125°C
A
T = +75°C
A
0
V , GATE TO SOURCE VOLTAGE (V)
Fig. 6 On-Resistance vs. Gate-Source Voltage (2N7002)
GS
I = 50mA
D
I = 500mA
D
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618
1.0
1.5
2.0
2.5
3.0
-55
-30
-5
20
45
70
95
120 145
T , JUNCTION TEMPERATURE ( C)
Fig. 5 On-Resistance vs Junction Temperature (2N7002)
j
°
V
= 10V,
I
GS
D = 200mA
0
1
2
3
4
5
0
0.2
I , DRAIN CURRENT (A)
Fig. 4 On-Resistance vs Drain Current (2N7002)
D
V
= 5.0V
GS
T = 25 C
j
°
V
= 10V
GS
6
7
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 3 On-Region Characteristics (2N7002)
DS
V = 10V
9.0V
8.0V
7.0V
6.5V
6.0V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0/1.0V
GS
5.5V
5.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com