Electronic Components Datasheet Search
  English  ▼

X  

E-L5973AD Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-L5973AD
Description  2 A switch step down switching regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L5973AD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-L5973AD Datasheet HTML 2Page - STMicroelectronics E-L5973AD Datasheet HTML 3Page - STMicroelectronics E-L5973AD Datasheet HTML 4Page - STMicroelectronics E-L5973AD Datasheet HTML 5Page - STMicroelectronics E-L5973AD Datasheet HTML 6Page - STMicroelectronics E-L5973AD Datasheet HTML 7Page - STMicroelectronics E-L5973AD Datasheet HTML 8Page - STMicroelectronics E-L5973AD Datasheet HTML 9Page - STMicroelectronics E-L5973AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
L5973AD
6/22
Doc ID 9552 Rev 9
gm
Transconductance
Icomp = -0.1 mA to
0.1mA
VCOMP = 1.9 V
2.3
mS
Sync function
High input voltage
VCC = 4.4 V to 36 V
2.5
VREF
V
Low input voltage
VCC = 4.4 V to 36 V
0.74
V
Slave sink current
Vsync = 0.74 V
(1)
Vsync = 2.33 V
0.11
0.21
0.25
0.45
mA
mA
Master output
amplitude
Isource = 3 mA
2.75
3
V
Output pulse width
no load, Vsync = 1.65 V
0.20
0.35
μs
Reference section
Reference voltage
3.234
3.3
3.366
V
IREF = 0 to 5 mA
VCC = 4.4 V to 36 V
3.2
3.3
3.399
V
Line regulation
IREF = 0 mA
VCC = 4.4 V to 36 V
510
mV
Load regulation
IREF = 0 to 5 mA
8
15
mV
Short circuit current
10
18
30
mA
1.
Guaranteed by design.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com