Electronic Components Datasheet Search
  English  ▼

X  

ELL5PR2R2N Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL5PR2R2N
Description  Power Inductors / Wire Wound type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL5PR2R2N Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL5PR2R2N Datasheet HTML 1Page - Panasonic Semiconductor ELL5PR2R2N Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Tape running direction
Quantity 2000 pcs./reel
0.3±0.1
2.1±0.1
8.0±0.1
2.00±0.05
4.0±0.1
4.0±0.1
f1.5
0
+0.1
A-A
,
Section
5.3±0.1
A
A
,
■ Standard Parts
■ Embossed Carrier Tape Dimensions in mm (not to scale)
Part Number
Inductance
(100 kHz)
RDC
(at 20 °C)
Saturation
Rated Current
✽1
(mA max.)
Temperature
Rise Current
✽2
(mA max.)
Marking
(μH)
Tol.
(m
Ω)
Tol.
ELL5PRR47N
0.47
±30%
12
±20%
5500
3900
R47
ELL5PR1R0N
1.0
21
4500
3000
1R0
ELL5PR1R2N
1.2
21
4200
3000
1R2
ELL5PR1R5N
1.5
25
4000
2850
1R5
ELL5PR2R2N
2.2
32
3200
2400
2R2
ELL5PR3R3N
3.3
37
2600
2300
3R3
ELL5PR4R7N
4.7
56
2200
1800
4R7
ELL5PR6R8N
6.8
85
1700
1400
6R8
ELL5PR100M
10.0
±20%
150
1400
1060
100
ELL5PR150M
15.0
190
1200
1000
150
ELL5PR220M
22.0
290
950
800
220
✽1 Saturation Rated Current : This DC current which causes a 30 % inductance reduction from its nominal value.
✽2 Temperature Rise Current : This indicates the value of current when temperature rise dt/t= 40 °C (at 20 °C).
Sep. 2012
02
39



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com