Electronic Components Datasheet Search
  English  ▼

X  

D6G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D6G
Description  1.0A GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D6G Datasheet(HTML) 1 Page - Diodes Incorporated

  D6G Datasheet HTML 1Page - Diodes Incorporated D6G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S29001 Rev. A-2
1 of 2
D1G-D7G
D1G - D7G
1.0A GLASS PASSIVATED RECTIFIER
Features
A
A
B
C
D
T-1
Dim
Min
Max
A
25.40
¾
B
2.60
3.20
C
0.53
0.64
D
2.20
2.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 30A Peak
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.13 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
D1G
D2G
D3G
D4G
D5G
D6G
D7G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 75
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
50
mA
Reverse Recovery Time (Note 3)
trr
2.0
ms
Typical Junction Capacitance (Note 2)
Cj
8.0
pF
Typical Thermal Resistance Junction to Ambient
RqJA
100
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1A, Irr = 0.25A.


Similar Part No. - D6G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D6G DIODES-D6G Datasheet
350Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
D6G-T DIODES-D6G-T Datasheet
350Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
More results

Similar Description - D6G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4001G WTE-1N4001G Datasheet
53Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G Datasheet
60Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. D-2
D1G DIODES-D1G_1 Datasheet
350Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
1N4001G DIODES-1N4001G_1 Datasheet
84Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
logo
TAITRON Components Inco...
RL101G TAITRON-RL101G Datasheet
188Kb / 5P
1.0A Glass Passivated Rectifier
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_2 Datasheet
62Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 7 - 2
1N4001G DIODES-1N4001G_12 Datasheet
95Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
Rev erse
1N4001G DIODES-1N4001G_15 Datasheet
95Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
1A1G ZSELEC-1A1G Datasheet
91Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
1N4001G ZSELEC-1N4001G Datasheet
115Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com