Electronic Components Datasheet Search
  English  ▼

X  

DDA114TK Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDA114TK
Description  NPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA114TK Datasheet(HTML) 4 Page - Diodes Incorporated

  DDA114TK Datasheet HTML 1Page - Diodes Incorporated DDA114TK Datasheet HTML 2Page - Diodes Incorporated DDA114TK Datasheet HTML 3Page - Diodes Incorporated DDA114TK Datasheet HTML 4Page - Diodes Incorporated DDA114TK Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30348 Rev. 2 - 2
4 of 5
DDC (xxxx) K
0.1
1
10
010
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Input Voltage vs. Collector Current
V = 0.2
O
-25°C
25°C
75°C
0.001
0.01
1
10
100
0
1
23
4
89
10
V , INPUT VOLTAGE (V)
in
Fig. 5 Collector Current Vs. Input Voltage
-25°C
5
67
25°C
0.1
V = 5V
O
75°C
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 4 Output Capacitance
10
5
15
25
I = 0mA
E
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC Current Gain
V
= 10
CE
75°C
-25°C
25°C
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 2 V
vs. I
CE(SAT)
C
I/I = 10
CB
-25°C
75°C
25°C
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Derating Curve
TYPICAL CURVES - DDC123JK
ONE SECTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com