Electronic Components Datasheet Search
  English  ▼

X  

EEUFR1V152S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFR1V152S
Description  Aluminum Electrolytic Capacitors/ FR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1V152S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1V152S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-86 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs) (pcs)
50
4.7
5
11
185
0.620
5000
0.5
2.0
5.0
2.5
EEUFR1H4R7( )
200
2000
10
5
11
250
0.340
5000
0.5
2.0
5.0
2.5
EEUFR1H100( )
200
2000
22
5
11
250
0.340
5000
0.5
2.0
5.0
2.5
EEUFR1H220( )
200
2000
47
6.3
11.2
405
0.140
5000
0.5
2.5
5.0
EEUFR1H470( )
200
2000
56
6.3
11.2
405
0.140
5000
0.5
2.5
5.0
2.5
EEUFR1H560( )
200
2000
100
8
11.5
870
0.061
6000
0.6
3.5
5.0
EEUFR1H101( )
200
1000
120
8
15
1140
0.045
8000
0.6
3.5
5.0
EEUFR1H121L( )
200
1000
150
10
12.5
1170
0.042
6000
0.6
5.0
5.0
EEUFR1H151( )
200
500
180
8
20
1430
0.033
9000
0.6
3.5
5.0
EEUFR1H181L( )
200
1000
220
10
16
1650
0.030
8000
0.6
5.0
5.0
EEUFR1H221( )
200
500
270
10
20
1890
0.023 10000
0.6
5.0
5.0
EEUFR1H271( )
200
500
330
10
25
2150
0.022 10000
0.6
5.0
5.0
EEUFR1H331L( )
200
500
470
12.5
20
2260
0.022 10000
0.6
5.0
5.0
EEUFR1H471( )
200
500
560
12.5
25
2660
0.018 10000
0.6
5.0
5.0
EEUFR1H561( )
200
500
680
12.5
30
3160
0.016 10000
0.8
5.0
EEUFR1H681L
100
820
12.5
35
3270
0.014 10000
0.8
5.0
EEUFR1H821L
100
16
20
2870
0.019 10000
0.8
7.5
7.5
EEUFR1H821S( )
100
250
1000
16
25
3320
0.016 10000
0.8
7.5
7.5
EEUFR1H102( )
100
250
63
18
5
11
175
0.510
5000
0.5
2.0
5.0
2.5
EEUFR1J180( )
200
2000
47
6.3
11.2
284
0.210
5000
0.5
2.5
5.0
2.5
EEUFR1J470( )
200
2000
82
8
11.5
566
0.092
6000
0.6
3.5
5.0
EEUFR1J820( )
200
1000
100
8
15
741
0.068
8000
0.6
3.5
5.0
EEUFR1J101L( )
200
1000
10
12.5
761
0.063
6000
0.6
5.0
5.0
EEUFR1J101( )
200
500
120
8
20
930
0.050
9000
0.6
3.5
5.0
EEUFR1J121L( )
200
1000
10
16
1073
0.045
8000
0.6
5.0
5.0
EEUFR1J121( )
200
500
150
8
20
930
0.050
9000
0.6
3.5
5.0
EEUFR1J151L( )
200
1000
10
16
1073
0.045
8000
0.6
5.0
5.0
EEUFR1J151( )
200
500
180
10
20
1229
0.035 10000
0.6
5.0
5.0
EEUFR1J181( )
200
500
220
10
25
1500
0.033 10000
0.6
5.0
5.0
EEUFR1J221L( )
200
500
270
10
20
1229
0.035 10000
0.6
5.0
5.0
EEUFR1J271U( )
200
500
10
25
1500
0.033 10000
0.6
5.0
5.0
EEUFR1J271L( )
200
500
12.5
20
1582
0.033 10000
0.6
5.0
5.0
EEUFR1J271( )
200
500
330
12.5
20
1582
0.033 10000
0.6
5.0
5.0
EEUFR1J331( )
200
500
390
12.5
25
1995
0.027 10000
0.6
5.0
5.0
EEUFR1J391( )
200
500
470
12.5
25
1995
0.027 10000
0.6
5.0
5.0
EEUFR1J471( )
200
500
560
12.5
30
2528
0.024 10000
0.8
5.0
EEUFR1J561L
100
16
20
2153
0.029 10000
0.8
7.5
7.5
EEUFR1J561S( )
100
250
680
12.5
35
2780
0.021 10000
0.8
5.0
EEUFR1J681L
100
820
16
25
2988
0.024 10000
0.8
7.5
7.5
EEUFR1J821( )
100
250
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
01
Frb. 2013



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com