Electronic Components Datasheet Search
  English  ▼

X  

DDTC113TE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC113TE
Description  NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC113TE Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC113TE Datasheet HTML 1Page - Diodes Incorporated DDTC113TE Datasheet HTML 2Page - Diodes Incorporated DDTC113TE Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30315 Rev. 2 - 2
1 of 3
DDTC (R1-ONLY SERIES) E
DDTC (R1-ONLY SERIES) E
NPN PRE-BIASED SMALL SIGNAL SOT-523
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available
(DDTA)
·
Built-In Biasing Resistor, R1 only
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Mechanical Data
·
Case: SOT-523, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 2)
·
Weight: 0.002 grams (approx.)
·
Ordering Information (See Page 2)
B
R
1
SCHEMATIC DIAGRAM
E
C
P/N
R1 (NOM)
MARKING
DDTC113TE
DDTC123TE
DDTC143TE
DDTC114TE
DDTC124TE
DDTC144TE
DDTC115TE
DDTC125TE
1K
W
2.2K
W
4.7K
W
10K
W
22K
W
47K
W
100K
W
200K
W
N01
N03
N07
N12
N16
N19
N23
N25
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC (Max)
100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
A
M
J
L
D
B C
H
K
G
TOP VIEW
C
E
B


Similar Part No. - DDTC113TE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TE DIODES-DDTC113TE Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC113TE DIODES-DDTC113TE Datasheet
177Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
DDTC113TE-7-F DIODES-DDTC113TE-7-F Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
More results

Similar Description - DDTC113TE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTC113ZE DIODES-DDTC113ZE Datasheet
70Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 3 - 2
DDTC114GE DIODES-DDTC114GE Datasheet
67Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 3 - 1
DDTC123EE DIODES-DDTC123EE Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC123EE DIODES-DDTC123EE_1 Datasheet
112Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 8 - 2
DDTC113ZE DIODES-DDTC113ZE_1 Datasheet
84Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC114GE DIODES-DDTC114GE_1 Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 7 - 2
DDTA123EE DIODES-DDTA123EE_1 Datasheet
82Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 6- 2
DDTA114GE DIODES-DDTA114GE_1 Datasheet
444Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com