Electronic Components Datasheet Search
  English  ▼

X  

LBT11549 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT11549
Description  115MHz SAW Filter 13MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT11549 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT11549 Datasheet HTML 1Page - SIPAT Co,Ltd LBT11549 Datasheet HTML 2Page - SIPAT Co,Ltd LBT11549 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT11549
Rev. Date
2006-9-11
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
13MHz Bandwidth
Part Number: LBT11549
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.92
115
115.08
Insertion Loss
dB
-
30
31
3 dB Bandwidth
MHz
12.7
12.74
-
30 dB Bandwidth
MHz
-
13.42
13.5
40 dB Bandwidth
MHz
-
13.52
13.9
50 dB Bandwidth
MHz
-
13.7
-
Passband Variation
dB
-
1
1.5
Absolute Delay
usec
-
3.73
4
Ultimate Rejection
dB
50
56
-
Material Temperature coefficient
KHz/°C
-2.07
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH
L3=56nH
L2=L4=82nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
INPUT
OUTPUT
50Ω
50Ω
L1
L3
L4


Similar Part No. - LBT11549

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT11549 SIPAT-LBT11549 Datasheet
139Kb / 3P
115MHz SAW Filter 13MHz Bandwidth
More results

Similar Description - LBT11549

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A34 SIPAT-LBN70A34 Datasheet
141Kb / 3P
70MHz SAW Filter 13MHz Bandwidth
logo
List of Unclassifed Man...
LBS11526 ETC2-LBS11526 Datasheet
307Kb / 3P
115MHz SAW Filter 0.22MHz Bandwidth
logo
SIPAT Co,Ltd
LBN09016 SIPAT-LBN09016 Datasheet
138Kb / 3P
90MHz SAW Filter 13MHz Bandwidth
LBT11549 SIPAT-LBT11549 Datasheet
139Kb / 3P
115MHz SAW Filter 13MHz Bandwidth
LBT16044 SIPAT-LBT16044 Datasheet
138Kb / 3P
160MHz SAW Filter 13MHz Bandwidth
LBT90501 SIPAT-LBT90501 Datasheet
191Kb / 3P
904.6MHz SAW Filter 13MHz Bandwidth
LBN70A63 SIPAT-LBN70A63 Datasheet
151Kb / 3P
70MHz SAW Filter 13MHz Bandwidth
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
140MHz SAW Filter 13MHz Bandwidth
LBN09033 SIPAT-LBN09033 Datasheet
177Kb / 3P
90MHz SAW Filter 13MHz Bandwidth
LBT16044 SIPAT-LBT16044 Datasheet
143Kb / 3P
160MHz SAW Filter 13MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com