Electronic Components Datasheet Search
  English  ▼

X  

LBT12021 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT12021
Description  120MHz SAW Filter 7MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT12021 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT12021 Datasheet HTML 1Page - SIPAT Co,Ltd LBT12021 Datasheet HTML 2Page - SIPAT Co,Ltd LBT12021 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT12021
Rev. Date
2005-12-31
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
120MHz SAW Filter
7MHz Bandwidth
Part Number:LBT12021
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
120.42
120.5
120.58
Insertion Loss
dB
-
26.3
28
1 dB Bandwidth
MHz
7
7.03
-
30dB Bandwidth
MHz
-
7.93
8
40 dB Bandwidth
MHz
-
8.03
8.4
50 dB Bandwidth
MHz
-
8.13
9
Passband Variation
dB
-
0.7
0.9
Absolute Delay
usec
-
3.83
4
Ultimate Rejection
dB
45
46
-
Material Temperature coefficient
KHz/°C
-2.16
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=39nH L2=56nH
C1=82pF
C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT12021

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT12021 SIPAT-LBT12021 Datasheet
138Kb / 3P
120MHz SAW Filter 7MHz Bandwidth
More results

Similar Description - LBT12021

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7025 SIPAT-LBN7025 Datasheet
290Kb / 3P
70MHz SAW Filter 7MHz Bandwidth
LBT12021 SIPAT-LBT12021 Datasheet
138Kb / 3P
120MHz SAW Filter 7MHz Bandwidth
LB140DS38 SIPAT-LB140DS38 Datasheet
153Kb / 3P
140MHz SAW Filter 7MHz Bandwidth
LBT140A20 SIPAT-LBT140A20 Datasheet
130Kb / 3P
140MHz SAW Filter 7MHz Bandwidth
LBN12042 SIPAT-LBN12042 Datasheet
193Kb / 3P
120MHz SAW Filter 7MHz Bandwidth
LBT09030 SIPAT-LBT09030 Datasheet
141Kb / 3P
90MHz SAW Filter 7MHz Bandwidth
LBT12035 SIPAT-LBT12035 Datasheet
148Kb / 3P
120MHz SAW Filter 7MHz Bandwidth
LBN12042 SIPAT-LBN12042 Datasheet
193Kb / 3P
120MHz SAW Filter 7MHz Bandwidth
LBS16503 SIPAT-LBS16503 Datasheet
156Kb / 4P
165.5MHz SAW Filter 7MHz Bandwidth
LBT12035 SIPAT-LBT12035 Datasheet
148Kb / 3P
120MHz SAW Filter 7MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com