Electronic Components Datasheet Search
  English  ▼

X  

EA044 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EA044
Description  BEZEL FOR DOTMATRIX MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA044 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EA044 Datasheet HTML 1Page - List of Unclassifed Manufacturers EA044 Datasheet HTML 2Page - List of Unclassifed Manufacturers EA044 Datasheet HTML 3Page - List of Unclassifed Manufacturers EA044 Datasheet HTML 4Page - List of Unclassifed Manufacturers EA044 Datasheet HTML 5Page - List of Unclassifed Manufacturers EA044 Datasheet HTML 6Page - List of Unclassifed Manufacturers EA044 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BEZELS
Page 2
Specifications may be changed without
prior notice. Printing error reserved
Ordering
viewing area
bezel size
cutout
studs matching lcd-module
information
A
B
C
D
E
F
G
dotmatrix / graphic
EA 017-1U
63,5 12,8
79,5 25,0
69,7 19,2
74,5
EA 7161-A
1x16
EA 017-2U
60,0 14,8
76,0 27,0
66,2 21,2
71,0
EA 7162
2x16
EA 017-3
131,5 13,0
147,5 25,2
137,7 19,4
142,5
(EA 7321)
1x32
EA 017-4U
153,0 14,8
169,0 27,0
159,2 21,2
164,0
EA 7402
2x40
EA 017-5
140,0 15,8
156,0 28,0
146,2 22,2
151,0
EA 7322-B
2x32
EA 017-6U
98,5 12,8
114,5 25,0
104,7 19,2
109,5
EA 7161-E
1x16
EA 017-7U
81,5 17,2
97,5 29,4
87,7 23,6
92,5
EA 7202
2x20
EA 017-8U
60,8 24,2
76,8 36,4
67,0 30,6
71,8
EA 7164
4x16
EA 017-9U
75,0 24,2
91,0 36,4
81,2 30,6
86,0
EA 7204
4x20
EA 017-10U
131,0 38,0
147,0 50,2
137,2 44,4
142,0
EA 7240-6
240x64
EA 017-12U
97,4 22,4
113,4 34,6
103,6 28,8
108,4
EA 7162-B
2x16
EA 017-13U
145,0 28,0
161,0 40,2
151,2 34,4
156,0
EA 7404
4x40
EA 017-14U
92,0 14,8
108,0 27,0
98,4 21,2
103,0
EA 7242
2x24
EA 017-15U
68,0 68,0
84,0 80,2
74,2 74,4
79,0
EA VK-2128
128x128
EA 017-16U
75,0 39,0
91,0 51,2
81,2 45,4
86,0
EA VK-2080
160x80
EA 017-17U
58,0 32,5
74,0 44,7
64,2 38,9
69,0
EA VK-2064
128x64
EA 017-18U
99,5 80,5
115,5 92,7
105,7 86,9
110,5
EA VK-5160
160x128
EA 017-23
121,0 12,0
137,0 24,2
127,2 18,4
132,0
EA 8201-B
1x20
EA 017-25
121,0 41,5
137,0 53,7
127,2 47,9
132,0
EA 8204-B
4x20
EA 017-27
145,0 33,8
161,0 46,0
151,2 40,2
156,0
EA 8202-C
2x20
EA 017-28
145,0 63,9
161,0 76,1
151,2 70,3
156,0
EA 8204-C
4x20
The panel cutout should be 0.2 to 0.5 mm larger than dimension EF. The bezel is centered to the
cutout by 2 studs with 2mm diameter.
(all dimensions in mm)
BEZELS FOR DOTMATRIX MODULES
EA 017-xxU AND EA 017-xx SERIES
(This drawing shows the snap in holders for acrylic or
glass. Within EA 017-xx series there are no snap-in holder)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com