Electronic Components Datasheet Search
  English  ▼

X  

EAEVALEDIP128B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP128B
Description  OPERATING UNIT 128x64 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP128B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 11Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 12Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
EAeDIP128-6
Page 9
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
0°: 'ESC DO 0'
90°: 'ESC DO 1'
180°: 'ESC DO 2'
270°: 'ESC DO 3'
TOPVIEW ANDTWISTED MOUNTING
The prefered view of the eDIP128 is bottom view, (6 o'clock).
The eDIP can be mounted turned around 180° to gain a top view display (12 o'clock). To set the
viewing direction you have to run (e.g. in PowerOnMacro) the command 'ESC DO 2' (refer to p. 13).
In addition it is possible to mount the display turned with 90° or 270° to gain a portrait mode display
with 64x128 pixels.
POWER DOWN MODE
To save energy (battery operation), you can activate one of three power-down modes by means of the
command ‘ESC PD n1’ (see page 15 below).
Mode 0 (25µA): The LED illumination is switched off, and the contents of the display become
invisible although they are still there. In power-down mode including suppressor
diodes, the eDIP128 requires up to 1000 µA (delivery state). The suppressor diodes
can be deactivated by removing the two 0
Ω resistors. Then powerdown current of
typically 25 µA is reached. They are labeled with R
pd.
Important: When deactivating the suppressor diodes, it is essential that the polarity of
the display is correct all the time: GND, VDD (pin 1 + 2). Even very brief polarity reversal
or overvoltage can damage the display immediately and irreparably.
Mode 1 (1mA): The LED illumination is switched off, the contents of the display stay visible. Current
consumption is reducing to 1mA. This power down mode is mainly usable with the
versions EA eDIP128W with positive display, because they are readable without
backlight.
Mode 2 (4mA): The LED illumination stays on and the display content is readable. The current
consumption reduces to 3-4mA plus adjusted LED current. Therefore you can use
the eDIP in dark surroundings and dimmed illumination under e.g. 10mA.
The eDIP128 can be woken up from power down mode with a low level on pin 13 (WUP), or the
adressing via I²C.
In additon the eDIP128 can be woke up by using the touchpanel (independed from position).
After wake up, special WakeUpMacros can be used (refer to p. 24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com