Electronic Components Datasheet Search
  English  ▼

X  

EAEVALEDIP128W Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP128W
Description  OPERATING UNIT 128x64 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128W Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EAEVALEDIP128W Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP128W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
EAeDIP128-6
Page 5
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Application note
Application note
Application note
APPLICATION EXAMPLE „REAL“ RS-232 INTERFACE
The eDIP fits for direct
connection to a RS-232
interface with CMOS
level (VDD).
If you have an interface
with ±12V level, an
external levelshifter is
needed.
APPLICATION EXAMPLE:RS-485 INTERFACE
With an external converter (e.g.
SN75176), the EA eDIP can be
connected to a 2-wire RS-485
bus. Large distances of up to
1200
m
can
thus
be
implemented (remote display).
Several EA eDIP displays can
be operated on a single RS-485
bus by setting addresses.
APPLICATION EXAMPLE:USB INTERFACE
With an external converter (e.g. FT232R from FTDI) the eDIP can be connected to an USB-Bus.
Virtual-COM-Port drivers are available for different Systems on the FTDI Homepage:
http://www.ftdichip.com/drivers/vcp.htm.
Adressing:
- Up to eight hardware addresses (0 to 7) can be set by means of Pins ADR0..ADR2
- The eDIP with the address 7 is selected and ready to receive after power-on.
- The eDIPS with the addresses 0 to 6 are deselcted after power-on
- Up to 246 further software addresses can be set by means of the ‘#KA adr’ command in the power-on macro (set eDIP
externally to address 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com