Electronic Components Datasheet Search
  English  ▼

X  

EAEVALEDIP320B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 11Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 12Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 13Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EA9777-3
Page 10
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
RS232 CMOS
Pin
9777-2
Symbol
Function
Pin
eDIP
1
GND
Ground potential for logic (0V)
1
2
VDD
Power supply for logic (3.3V ... 5V)
2
3
RxD
Receive data
10
4
TxD
Transmit data
11
5
SBUF
data in sendbuffer (low)
20
RS485
Pin
9777-2
Symbol
Function
Pin
eDIP
1
GND
Ground potential for logic (0V)
1
2
VDD
Power supply for logic (3.3V ... 5V)
2
3
A
RS485 A (Data +)
---
4
B
RS485 B (Data -)
---
5
SBUF
data in sendbuffer (low)
20
RS232 +/-12V
Pin
9777-2
Symbol
Function
Pin
eDIP
1
VDD
Power supply for logic (3.3V ... 5V)
2
2
DCD
---
3
DSR
---
4
TxD
Transmit Data
[11]
5
CTS
---
6
RxD
Receive Data
[10]
7
RTS
---
8
DTR
---
9
NC.
Not connected
---
10
GND
1
Note:
There is a interface cable available under
ordering code EA KV24-9B. It allows a
direct connection to a PC. The length of the
cable is 1.5m.
Pin connector EA 9777-3USB
Pin connector EA 9777-3USB
Pin connector EA 9777-3USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com