Electronic Components Datasheet Search
  English  ▼

X  

HA52PL48DB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HA52PL48DB
Description  52 PIN PLCC SOCKET ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HA52PL48DB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HA52PL48DB Datasheet HTML 1Page - List of Unclassifed Manufacturers HA52PL48DB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52 PIN PLCC SOCKET ADAPTER
Model : HA52PL48DB
Order No.
▶ HA52PL48DB
These adapters connect the pins of a 52 pin PLCC device to a 48 pin DIP equivalent.
They accept a PLCC device and plug into a DIP socket.
The following chart shows the connections
from the PLCC socket to the adapter’s DIP plug.
Date 02/17/03
Page 1 of 1
Rev 1.0
The HA52PL48DB socket adapter accepts
Motorola 52-pin PLCC packages.
Socket manufacture (Yamaichi), Socket type (Clam shell)
52
1
7
8
20
21
33
PLCC52
34
33
32
31
1
30
29
28
27
25
24
23
22
18
-
-
Note 1
-
2
3
4
6
7
8
DIP48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
DIP48
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
PLCC52
42
41
40
39
38
37
36
35
-
-
-
21
20
19
17
16
15
14
13
12
11
10
9
26
* Note 1
PLCC
– 43, 44, 45, 46, 47, 48, 49, 50, 51, 52
The Jumpers are indicated between #18(PLCC) and #14(DIP)
E.E. Tools, Inc.
4620 Fortran Dr. Ste 102
San Jose, CA 95134, USA
Tel: (408)263-2221 Fax: (408)263-2230
Web : www.eetools.com
Email : sales@eetools.com


Similar Part No. - HA52PL48DB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5221 INTERSIL-HA5221 Datasheet
992Kb / 4P
HA-5221/22 SPICE OPERATIONAL AMPLIFIER MACRO-MODEL
January 2002
logo
Harris Corporation
HA5232 HARRIS-HA5232 Datasheet
277Kb / 5P
Precision Dual and Quad Operational Amplifiers
HA5232AIB HARRIS-HA5232AIB Datasheet
277Kb / 5P
Precision Dual and Quad Operational Amplifiers
HA5232AIJ HARRIS-HA5232AIJ Datasheet
277Kb / 5P
Precision Dual and Quad Operational Amplifiers
HA5232AIP HARRIS-HA5232AIP Datasheet
277Kb / 5P
Precision Dual and Quad Operational Amplifiers
More results

Similar Description - HA52PL48DB

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-PLCC52-Z-M-T-01 IRONWOOD-CA-PLCC52-Z-M-T-01 Datasheet
41Kb / 1P
Carrier Adapter 52 Position PLCC ZIF Socket with test points to mini-grid array interface.
logo
Assmann Electronics Inc...
A-CCS44-G-R ASSMANN-A-CCS44-G-R Datasheet
268Kb / 1P
PLCC SOCKET 44 PIN, GOLD
A-CCS44-Z-R ASSMANN-A-CCS44-Z-R Datasheet
266Kb / 1P
PLCC SOCKET 44 PIN, TIN
A-CCS52-Z-R ASSMANN-A-CCS52-Z-R Datasheet
267Kb / 1P
PLCC SOCKET 52 PIN, TIN
A-CCS68-Z-R ASSMANN-A-CCS68-Z-R Datasheet
268Kb / 1P
PLCC SOCKET 68 PIN, TIN
logo
List of Unclassifed Man...
PA28PL28D-YA ETC2-PA28PL28D-YA Datasheet
85Kb / 2P
28 PIN PLCC SOCKET ADAPTER
PA32PL32D-YC ETC2-PA32PL32D-YC Datasheet
106Kb / 1P
32 PIN PLCC SOCKET ADAPTER
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
28 pin PLCC socket/28 pin PLCC plug
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
44 pin PLCC socket/44 pin PLCC plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com