Electronic Components Datasheet Search
  English  ▼

X  

DL4007 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DL4007
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DL4007 Datasheet(HTML) 1 Page - Diodes Incorporated

  DL4007 Datasheet HTML 1Page - Diodes Incorporated DL4007 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS16001 Rev. D-2
1 of 2
DL4001-DL4007
·
Glass Passivated Junction
·
High Current Capability
·
Low Forward Voltage Drop
·
High Reliability and Low Leakage
·
For Surface Mount Application
·
Plastic Material - UL Flammability
Classification Rating 94V-0
Features
DL4001 - DL4007
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
Case: MELF, Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode band
·
Approx Weight: 0.25 grams
·
Mounting Position: Any
MELF
Dim
Min
Max
A
4.80
5.20
B
2.40
2.60
C
0.55 Nominal
All Dimensions in mm
C
A
B
Characteristic
Symbol
DL
4001
DL
4002
DL
4003
DL
4004
DL
4005
DL
4006
DL
4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
71
141
283
424
566
707
V
Maximum Average Forward Rectified
Current @ Terminal Temp
@ TT = 75
°C
IO
1.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
Superimposed on Rated Load (JEDEC Method)
IFSM
30
A
Maximum Forward Voltage
@ IF = 1.0A
VF
1.1
V
Maximum dc Reverse Current
@ TA =25
°C
Rated DC Blocking Voltage
@ TA = 100
°C
IR
5.0
50
mA
Typical Thermal Resistance, Junction to Ambient Air
RqJA
50
K/W
Typical Junction Capacitance (Note 1)
Cj
15
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C


Similar Part No. - DL4007

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4007 MCC-DL4007 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
DL4007 DIODES-DL4007 Datasheet
339Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. 7 - 2
logo
Diotech Company.
DL4007 DIOTECH-DL4007 Datasheet
947Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
DL4007 DIOTECH-DL4007 Datasheet
947Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
DL4007 MCC-DL4007 Datasheet
240Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - DL4007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Diodes Incorporated
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
Johanson Technology Inc...
S1B13F JOHANSON-S1B13F Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com