Electronic Components Datasheet Search
  English  ▼

X  

FCSL110 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # FCSL110
Description  Metal Foil Current Sense
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FCSL110 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  FCSL110 Datasheet HTML 1Page - Ohmite Mfg. Co. FCSL110 Datasheet HTML 2Page - Ohmite Mfg. Co. FCSL110 Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
xxx
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
W1
A
H N
W2
E
p a C kaging Spe C i F i C ation S
FCSL64
A
0.135 (3.43 ±0.2)
B
0.261 (6.63 ±0.2)
W
0.472 (12.0 ±0.3)
E
0.069 (1.75 ±0.1)
F
0.217 (5.5 ±0.05)
P0
0.157 (4.0 ±0.1)
P1
0.157 (4.0 ±0.1)
P2
0.079 (2.0 ±0.05)
D0
0.059 (1.5 +0.1/-0)
D1
0.059 (1.5 +0.2/-0)
T
0.008 (0.2 ±0.05)
T2
0.059 (1.5 max.)
Reel (in./mm)
Standard Part Numbers
Tape (in./mm)
FCSL76
FCSL90
FCSL110
A0 0.163 (4.15 ±0.10)
0.191 (4.85 ±0.10)
0.213 (5.40 ±0.10)
B0 0.313 (7.95 ±0.10)
0.368 (9.35 ±0.10)
0.453 (11.50 ±0.10)
W 0.630 (16.00 ±0.30)
0.630 (16.00 ±0.30)
0.945 (24.00 ±0.30)
F
0.295 (7.50 ±0.10)
0.295 (7.50 ±0.10)
0.453 (11.50 ±0.10)
E
0.069 (1.75 ±0.10)
0.069 (1.75 ±0.10)
0.069 (1.75 ±0.10)
P0 0.157 (4.00 ±0.10)
0.157 (4.00 ±0.10)
0.157 (4.00 ±0.10)
P1 0.315 (8.00 ±0.10)
0.315 (8.00 ±0.10)
0.315 (8.00 ±0.10)
P2 0.079 (2.00 ±0.10)
0.079 (2.00 ±0.10)
0.079 (2.00 ±0.10)
D0 0.059 (1.50 ±0.10)
0.059 (1.50 ±0.10)
0.059 (1.50 ±0.10)
D1 0.059 (1.50 ±0.10)
0.059 (1.50 ±0.10)
0.059 (1.50 ±0.10)
T
0.012 (0.30 ±0.05)
0.012 (0.30 ±0.05)
0.012 (0.30 ±0.05)
T2 0.047 (1.2 ±0.15)
0.047 (1.2 ±0.15)
0.047 (1.2 ±0.15)
FCSL64
FCSL76/90
FCSL110
A
7.087 (180 +0/-3)
7.087 (180 +0/-3)
12.992 (330 ±2.0)
H
0.512 (13 ±0.2)
0.512 (13 ±0.2)
0.512 (13 ±0.2)
E
0.079 (2.0 ±0.5)
0.079 (2.0 ±0.5)
0.079 (2.0 ±0.5)
N
0.236 (60 +1/-0)
0.236 (60 +1/-0)
3.937 (100 ±1.0)
W1 0.518 (13.0 ±0.3)
0.669 (17.0 ±0.3)
1.000 (25.4 ±1.0)
W2 0.669 (17.0 ±1.4)
0.764 (19.4 ±1.0)
1.157 (29.4 ±1.0)
FCSL Series
Metal Foil Current Sense
Ohms
2 Watts
3 Watts
4 Watts
5 Watts
Tolerance
TCR
0.0010 FCSL64R001JE
FCSL76R001JE
FCSL90R001JE FCSL110R001JER ±5% ±150ppm/°C
0.0020 FCSL64R002GE
FCSL76R002GE
FCSL90R002GE FCSL110R002GER ±2% ±100ppm/°C
0.0050 FCSL64R005FE
FCSL76R005FE
FCSL90R005FE FCSL110R005FER ±1%
±50ppm/°C
0.0100 FCSL64R010FE
FCSL76R010FE
FCSL90R010FE FCSL110R010FER ±1%
±50ppm/°C
0.0250 FCSL64R025FE
FCSL76R025FE
FCSL90R025FE FCSL110R025FER ±1%
±50ppm/°C
0.0500 FCSL64R050FE
FCSL76R050FE
FCSL90R050FE FCSL110R050FER ±1%
±50ppm/°C
1
3
W
L
t
1. Alumina substrate
2. Resistive element
(Ni-Cu-Mn alloy)
3. Electrode (Ni, Sn)
4. Protective coating
(Epoxy resin)
5. Marking
(Epoxy resin)
2
4
5
FCSL110 Has wrap-around terminals
0.5mm +0.2/-0.05
Land Pattern
a
b
c
(mm)
Value range
a
b
c
FCSL64
1m
Ω
0.9
4.2
6.6
2m
Ω~100mΩ
2.2
4.2
6.6
FCSL76
1m
Ω
1.1
4.6
7.8
2m
Ω~100mΩ
2.6
4.6
7.8
FCSL90
1m
Ω
1.3
5.1
9.2
2m
Ω~100mΩ
3.1
5.1
9.2
FCSL110
1m
Ω
1.5
5.6 11.2
2m
Ω~100mΩ
3.6
5.6 11.2
Series Power Rating
L
W
t
FCSL64
2.0W
0.122/3.1 0.248/6.3 0.047/1.2
0.020/0.5
0.020/0.5
FCSL76
3.0W
0.15/3.8
0.3/7.6
0.053/1.35
0.024/0.6
0.024/0.6
FCSL90
4.0W
0.177/4.5
0.35/8.9
0.063/1.6
0.028/0.7
0.028/0.7
FCSL110 5.0W
0.197/5.0 0.43/11.0 0.071/1.8
0.031/0.8
0.031/0.8
Series
Tolerance
J= 5%
G= 2%
F= 1%
Ohms
R005 = 0.005
R050 = 0.050
Taping Code
R= 1,000 pc/reel
RoHS Compliant
Package Size
64=6432=2W
76=7638=3W
90=9045=4W
110=11050=5W
Dimen S ion S
(in.±.008/mm ±0.20)
or D ering in F ormation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com