Electronic Components Datasheet Search
  English  ▼

X  

F4905S Datasheet(PDF) 2 Page - International Rectifier

Part # F4905S
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F4905S Datasheet(HTML) 2 Page - International Rectifier

  F4905S Datasheet HTML 1Page - International Rectifier F4905S Datasheet HTML 2Page - International Rectifier F4905S Datasheet HTML 3Page - International Rectifier F4905S Datasheet HTML 4Page - International Rectifier F4905S Datasheet HTML 5Page - International Rectifier F4905S Datasheet HTML 6Page - International Rectifier F4905S Datasheet HTML 7Page - International Rectifier F4905S Datasheet HTML 8Page - International Rectifier F4905S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF4905S/L
‚ Starting TJ = 25°C, L = 1.3mH
RG = 25Ω, IAS = -38A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ -38A, di/dt ≤ -270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRF4905 data and test conditions
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.05 –––
V/°C
Reference to 25°C, ID = -1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.02
Ω
VGS = -10V, ID = -38A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
21
–––
–––
S
VDS = -25V, ID = -38A
…
–––
–––
-25
µA
VDS = -55V, VGS = 0V
–––
–––
-250
VDS = -44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
180
ID = -38A
Qgs
Gate-to-Source Charge
–––
–––
32
nC
VDS = -44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
86
VGS = -10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -28V
tr
Rise Time
–––
99
–––
ID = -38A
td(off)
Turn-Off Delay Time
–––
61
–––
RG = 2.5
Ω
tf
Fall Time
–––
96
–––
RD = 0.72Ω, See Fig. 10
„
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
3400 –––
VGS = 0V
Coss
Output Capacitance
–––
1400 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
640
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -38A, VGS = 0V
„
trr
Reverse Recovery Time
–––
89
130
ns
TJ = 25°C, IF = -38A
Qrr
Reverse Recovery Charge
–––
230
350
nC
di/dt = -100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
A
S
D
G
-74
-260



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com