Electronic Components Datasheet Search
  English  ▼

X  

ISD2360 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ISD2360
Description  Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD2360 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ISD2360 Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 21Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 22Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 23Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 24Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PRELIMINARY DATASHEET
- 21 -
Publication Release Date: 4/21/2012
Revision 0.3
10.2.6 Example: Level Hold Trigger.
In this example holding GPIO1 will play several messages. Releasing GPIO1 will stop the playback.
No other triggers will affect operation.
VM#C: R1_Level_Hold (GPIO1)
a.
CFG(REG_GPIO_AF0, 0x02)
; Enable rising edge trigger for GPIO2
b.
CFG(REG_GPIO_AF1, 0x02)
; Disable all triggers except GPIO2
c.
CFG(R1, 0x0d)
; Set Trigger to VM#D (PD_R1)
d.
CFG(REG1, 0x20)
e.
LOOP_VP(Re,200)
f.
Silence (32 ms)
g.
LOOP_VP(Mi,4)
h.
Silence (32 ms)
i.
LOOP_VP(Fa,20)
j.
Silence (32 ms)
k.
CFG(REG1, 0x00)
l.
PLAY_VP(applause)
m. PD
VM#D: PD_R1
a.
CFG(REG_GPIO_AF0, 0x00)
; Disable rising edge trigger
b.
CFG(REG_GPIO_AF1, 0x3f)
; Re-enable all triggers.
c.
CFG(REG1, 0x00)
; Ensure REG1 reset
d.
CFG(R1, 0x0c)
; Set trigger to VM#C
e.
PD
; Power Down.
11
CHANNEL SELECTION AND EXECUTION CONTROL
11.1
SELECT CHANNEL FOR THE PLYABCK AND MIXING
For any play command such as PLAY_VM or PLAY_VP, etc, the playback occurs in either one
channel or all three channels. In other words, user can either specify one single active channel for next
playback operation, or make the next play operation happen in all three channels. Channel selection
can be achieved by configuring register 0x0C.
To mix two different sound effects from two channels, e.g. channel #0 and channel #1, user can first
configure channel #0 as the active channel by writing 0bxxxxxx00 into register 0x0C, then send a play
command to play the first sound effect; then configure channel #1 as the active channel by writing
0bxxxxxx01 into register 0x0C, then send another play command to play the second sound effect. This
way sound effect mixing can be achieved.
By Default, play operations will always happen in channel #0.
11.2
EXECUTION CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com