Electronic Components Datasheet Search
  English  ▼

X  

DT456P Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DT456P
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT456P Datasheet(HTML) 2 Page - Diodes Incorporated

  DT456P Datasheet HTML 1Page - Diodes Incorporated DT456P Datasheet HTML 2Page - Diodes Incorporated DT456P Datasheet HTML 3Page - Diodes Incorporated DT456P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D
S11614 Rev. C-4
2 of 4
DT456P
Electrical Characteristics25°C unless otherwise specified
Notes:
2. Pulse Test: Pulse width
l 300µs, duty cycle l 2.0%.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-30
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
Tj = 70°C
IDSS
——
-1.0
-10
µA
VDS = -24V, VGS = 0V
Gate-Body Leakage, Forward
IGSSF
—
—
100
nA
VGS = 20V, VDS = 0V
Gate-Body Leakage, Reverse
IGSSR
—
—
-100
nA
VGS = -20V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
TJ = 125°C
VGS(th)
-1.0
-0.5
-1.5
-1.1
3.0
-2.6
V
VDS =VGS, ID = -250µA
Static Drain-Source On-Resistance
Tj = 125°C
RDS (ON)
—
0.026
0.035
0.041
0.03
0.054
0.045
W
VGS = -10V, ID = -7.5A
VGS = -10V, ID = -7.5A
VGS = -4.5V, ID = -6.0A
On-State Drain Current
ID(ON)
-20
-10
——
A
VGS = -10V, VDS = -5.0V
VGS = -4.5V, VDS = -5.0V
Forward Transconductance
gFS
—13—
m
VDS = -10V, ID = -7.5A
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
—
1440
—
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
—
905
—
pF
Reverse Transfer Capacitance
CRSS
—
355
—
pF
SWITCHING CHARACTERISTICS (Note 2)
Turn-On Delay Time
tD(ON)
—10
20
ns
VDD = -15V, ID = -7.0A
VGEN = -10V, RGEN = 12
W
Turn-On Rise Time
tr
—
65
120
ns
Turn-Off Delay Time
tD(OFF)
—
70
130
ns
Turn-Off Fall Time
tf
—
70
130
ns
Total Gate Charge
Qg
—47
67
nC
VDS = -10V. ID = -7.5A.
VGS = -10V
Gate-Source Charge
Qgs
—
5.0
—
nC
Gate-Drain Charge
Qgd
—12—
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Max Continuous Drain-Source Diode
Forward Current
IS
—
—
-2.5
A
Drain-Source Diode Forward Voltage
VSD
—
-0.85
-1.2
V
VGS = 0V, IS = -2.5A (Note 2)
Reverse Recovery Time
trr
—
—
140
ns
VGS = 0V, IF = -2.5A
dlp/dt = 100A/µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com