Electronic Components Datasheet Search
  English  ▼

X  

41532 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 41532
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41532 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 41532 Datasheet HTML 9Page - Tyco Electronics 41532 Datasheet HTML 10Page - Tyco Electronics 41532 Datasheet HTML 11Page - Tyco Electronics 41532 Datasheet HTML 12Page - Tyco Electronics 41532 Datasheet HTML 13Page - Tyco Electronics 41532 Datasheet HTML 14Page - Tyco Electronics 41532 Datasheet HTML 15Page - Tyco Electronics 41532 Datasheet HTML 16Page - Tyco Electronics 41532 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
22
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
187 Series Receptacles (Continued)
1
No Insulation support.
4
Stress relieved.
2
UL listed and CSA certified for 22- 20 AWG.
5
Tab stock thickness .020 [0.51].
3
Also capable of accepting (2) 20 AWG wires.
Straight Receptacles (Continued)
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
R
R
R
.020
.090-.130
Brass
.012
.585
X
—
X
42617-1
0.51
2.29-3.30
0.31
14.86
.020
.090-.130
Steel,
.012
.585
—
X
X
63959-1
0.51
2.29-3.30
Nickel Plated
0.31
14.86
.020
.090-.130
Brass,
.012
.585
X
—
X
42617-2
B
0.51
2.29-3.30
Tin Plated
0.31
14.86
.032
—Brass
.012
.475
X
—
X
63785-11
0.81
0.31
12.07
.032
.090-.130
Brass
.012
.585
X
—
X
63477-1
0.81
2.29-3.30
0.31
14.86
.032
.090-.130
Brass,
.012
.585
X
—
X
63477-2
0.81
2.29-3.30
Tin Plated
0.31
14.86
.020
—Brass
.012
.475
X
—
X
42799-11
0.51
0.31
12.07
.020
—
Brass,
.012
.475
X
—
X
42799-21
0.51
Tin Plated
0.31
12.07
.020
.090-.130
Brass
.012
.590
X
—
X
42801-1
0.51
2.29-3.30
0.31
14.99
.020
.090-.130
Brass,
.012
.590
X
—
X
42801-2
0.51
2.29-3.30
Tin Plated
0.31
14.99
C
.020
.090-.130
or (2)
.090
Brass
.012
.590
X
—
X
61892-13
20-16
0.51
2.29-3.30
2.29
0.31
14.99
.032
—
Brass,
.012
.475
X
—
X
61969-11
0.81
Tin Plated
0.31
12.07
.032
.090-.130
Brass
.012
.590
X
—
X
60196-1
0.81
2.29-3.30
0.31
14.99
.032
.090-.130
Brass,
.012
.590
X
—
X
60196-2
0.81
2.29-3.30
Tin Plated
0.31
14.99
.039
.090-.130
Brass,
.012
.590
—
—
—
63751-1
0.99
2.29-3.30
Tin Plated
0.31
14.99
.020
.090-.130
Brass
.012
.585
X
—
X
60214-1
E
0.51
2.29-3.30
0.31
14.86
.020
.090-.130
Brass,
.012
.585
X
—
X
60214-2
0.51
2.29-3.30
Tin Plated
0.31
14.86
.020
.060-.110
Brass,
.014
.615
X
—
X
62139-15
0.51
1.52-2.79
Tin Plated
0.36
15.62
.020
.090-.130
Brass,
.014
.615
X
—
X
62026-15
0.51
2.29-3.30
Tin Plated
0.36
15.62
F
.020
.090-.130
Brass
.014
.615
X
—
X
62026-25
0.51
2.29-3.30
0.36
15.62
.032
.090-.130
Brass
.014
.615
X
—
X
63646-15
0.81
2.29-3.30
0.36
15.62
.032
.090-.130
Brass,
.014
.615
X
—
X
63646-25
0.81
2.29-3.30
Tin Plated
0.36
15.62
B — Budget Line
C — Economy Line
E — Moldable Line
F — Commercial Line
Receptacle & Tab Combination
.220
[5.59]
.250
[6.35]
L
.220
[5.59]
L
.250 [6.35]
.220
[5.59]
.250
[6.35]
L
.225
[5.72]
.225
[5.72]
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com