Electronic Components Datasheet Search
  English  ▼

X  

H5014 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # H5014
Description  1000BASE-T MAGNETICS MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H5014 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  H5014 Datasheet HTML 1Page - Pulse A Technitrol Company H5014 Datasheet HTML 2Page - Pulse A Technitrol Company H5014 Datasheet HTML 3Page - Pulse A Technitrol Company H5014 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ww.pulseeng.com
2
HC500.O (6/08)
1000BASE-T
MAGNETICS MODULES
Designed to Support 1:1
Turns Ratio Transceivers
H5015
DATECODE
CNTRYOFMFG
.695
17,7
.050
1,27
24X .020
0,51
.480
12,2
.620
15,8
24X 0°–8°
24X .040
1,02
.004/0,10
24 SURFACES
.010
0,25
.180
4,57
.550
14,0
SUGGESTED LAND PATTERN
.490
12,5
.645
16,3
24X .030
0,76
.550
14,0
.050
1,27
1:1
1:1
1:1
1:1
TCT1 1
TD1+ 2
TD1- 3
TCT2 4
TD2+ 5
TD2- 6
TCT3 7
TD3+ 8
TD3- 9
TCT4 10
TD4+ 11
TD4- 12
24 MCT1
23 MX1+
22 MX1-
21 MCT2
20 MX2+
19 MX2-
18 MCT3
17 MX3+
16 MX3-
15 MCT4
14 MX4+
13 MX4-
LEGEND
Mx
Mx
Mx
Mx
Td
Td
Td
Td
Channel 1
Channel 2
Channel 3
Channel 4
Mechanicals (continued)
H5012, H5014, HX5014, H5089
H5020, HX5020
Schematics
H5004, HX5004, H5009
Mechanicals (continued)
H5015
.040
1,02
24 X
.040 = .960
1,02 24,38
.075 TYP
1,91
.300
7,62
50X .030
0,76
.004
50 SURFACES
.340 MAX
8,66
.010
0,25
.328 MAX
8,33
50X .036
0,91
50 X 0°- 8°
50 X .020
0,51
1.100 MAX
27,94
24 X
.040 = .960
1,02 24,38
.040
1,02
.297 MAX
7,54
.430 MAX
10,92
DATE CODE
CNTRY OF ORIGIN
H5020
HX5020
.625
15,88
.490
12,45
23X .040 = (.920)
1,02
(23,37)
48X .025
0,64
.040
1,02
H50XX, HX50XX
DATE CODE
COUNTRY OF ORIGIN
.600
15,24
.480
12,19
1.095
27,81
23X .040 = (.920)
1,02
(23,37)
.040
1,02
48X .015
0,38
.004/0,10
48 Surfaces
.010
0,25
.285
7,24
48X .036
0,91
48X 0°- 8°
Weight . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . .250/reel
Tube . . . . . . . . . . . . . .15/tube
Weight . . . . . . . . . .1.6 grams
Tape & Reel . . . . . . .250/reel
Tube . . . . . . . . . . . . . .15/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Weight . . . . . . . . . .1.5 grams
Tape & Reel . . . . . . .400/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .005
0,13
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com