Electronic Components Datasheet Search
  English  ▼

X  

418023 Datasheet(PDF) 16 Page - Tyco Electronics

Part # 418023
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

418023 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button 418023 Datasheet HTML 12Page - Tyco Electronics 418023 Datasheet HTML 13Page - Tyco Electronics 418023 Datasheet HTML 14Page - Tyco Electronics 418023 Datasheet HTML 15Page - Tyco Electronics 418023 Datasheet HTML 16Page - Tyco Electronics 418023 Datasheet HTML 17Page - Tyco Electronics 418023 Datasheet HTML 18Page - Tyco Electronics 418023 Datasheet HTML 19Page - Tyco Electronics 418023 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
25
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
187 Series C-Crimp Flag Receptacles
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.020
.090-.130
Brass
.014
.522
X
—
X
1217009-1
0.51
2.29-3.30
0.36
13.26
.020
.090-.130
Brass,
.014
.522
X
—
X
1217009-2
20-16
A
0.51
2.29-3.30
Tin Plated
0.36
13.26
.032
.090-.130
Brass
.014
.522
X
—
X
1217010-1
0.81
2.29-3.30
0.36
13.26
.032
.090-.130
Brass,
.014
.522
X
—
X
1217010-2
0.81
2.29-3.30
Tin Plated
0.36
13.26
.032
.100-.155
Brass
.016
.535
1
X1
—
1
X1
1217244-1
18-14
A
0.81
2.54-3.94
0.41
13.59
.032
.100-.155
Brass,
.016
.535
X
—
X
1217244-2
0.81
2.54-3.94
Tin Plated
0.41
13.59
1
16 & 18 AWG only.
R
R
R
C-Crimp Line
A — 187 Series C-Crimp
Flag Receptacles
.250
[6.35]
.230
[5.84]
L
187 Series F-Crimp Flags
F-Crimp Line
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.020
.060-.110
Brass
0.012
0.445
X
—
X
1742086-1
0.51
1.52-2.79
0.31
11.30
.020
.060-.110
Brass,
0.012
0.445
X
—
X
1742086-2
22-18
A
0.51
1.52-2.79
Tin Plated
0.31
11.30
.032
.060-.110
Brass
0.012
0.445
X
—
X
1742087-1
0.81
1.52-2.79
0.31
11.30
.032
.060-.110
Brass,
0.012
0.445
X
—
X
1742087-2
0.81
1.52-2.79
Tin Plated
0.31
11.30
20-16
B
.020
.090-.130
Brass
.012
.596
—
—
—
626412-1
0.51
2.29-3.30
0.31
15.14
.020
.060-.150
Brass
.016
.430
X
—
X
63512-1
0.51
1.52-3.81
0.41
10.92
.032
.060-.150
Brass
.016
.430
X
—
X
63316-1
B
0.81
1.52-3.81
0.41
10.92
18-14
.032
.060-.150
Brass,
.016
.430
X
—
X
63316-2
0.81
1.52-3.81
Tin Plated
0.41
10.92
.032
.060-.150
Steel,
.016
.430
—
X
X
63316-3
0.81
1.52-3.81
Nickel Plated
0.41
10.92
C
.032
—Brass
.016
.430
X
—
X
63317-1
0.81
0.41
10.92
.020
.110-.150 or 2-.110 max
Brass
0.012
0.445
X1
—X1
1742088-1
0.51
2.79-3.81 or 2-2.79
0.31
11.30
.020
.110-.150 or 2-.110 max
Brass,
0.012
0.445
X1
—X1
1742088-2
18-14 or (2) 18
A
0.51
2.79-3.81 or 2-2.79
Tin Plated
0.31
11.30
.032
.110-.150 or 2-.110 max
Brass
0.012
0.445
X1
—X1
1742089-1
0.81
2.79-3.81 or 2-2.79
0.31
11.30
.032
.110-.150 or 2-.110 max
Brass,
0.012
0.445
X1
—X1
1742089-2
0.81
2.79-3.81 or 2-2.79
Tin Plated
0.31
11.30
.020
.110-.150 or 2-.110 max
Steel,
0.012
0.445
—
X1
—
1742312-1
18 or (2) 18
A
0.51
2.79-3.81 or 2-2.79
Nickel Plated
0.31
11.30
.032
.110-.150 or 2-.110 max
Steel,
0.012
0.445
—
X1
—
1742049-1
0.81
2.79-3.81 or 2-2.79
Nickel Plated
0.31
11.30
1
UL/CSA Approved for 18 & 16 AWG only
R
R
R
A — End of Wire with
Insulation Support
C — Center Strip with
No Insulation Support
.230
[5.84]
.240
[6.10]
L
.221
[5.61]
.256
[6.35]
.445
[11.30]
.230
[5.84]
.240
[6.10]
L
B — Center Strip with
Insulation Support
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com