Electronic Components Datasheet Search
  English  ▼

X  

62091-2 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 62091-2
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

62091-2 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 62091-2 Datasheet HTML 10Page - Tyco Electronics 62091-2 Datasheet HTML 11Page - Tyco Electronics 62091-2 Datasheet HTML 12Page - Tyco Electronics 62091-2 Datasheet HTML 13Page - Tyco Electronics 62091-2 Datasheet HTML 14Page - Tyco Electronics 62091-2 Datasheet HTML 15Page - Tyco Electronics 62091-2 Datasheet HTML 16Page - Tyco Electronics 62091-2 Datasheet HTML 17Page - Tyco Electronics 62091-2 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
23
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
187 Series Receptacles (Continued)
Straight Receptacles (Continued)
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
R
R
R
.105-.210
or
2.67-5.33 .
Brass,
.012
.590
X
—
X
60487-2
(2)
.105
Max.
Tin Plated
0.31
14.99
.020
2.67 .
0.51
.105-.210
or
2.67-5.33 .
Brass
.012
.590
X
—
X
60487-1
(2)
.105
Max.
0.31
14.99
A
2.67 .
.105-.210
or
18-16 or
2.67-5.33 .
Brass,
.012
.590
X
—
X
61945-1
(2) 18
(2)
.105
Max.
Tin Plated
0.31
14.99
.032
2.67 .
0.81
.105-.210
or
2.67-5.33 .
Steel,
.012
.590
—
X
X
61945-2
(2)
.105
Max.
Nickel Plated
0.31
14.99
2.67 .
.105-.210
or
B
.032
2.67-5.33 .
Brass
.012
.590
X
—
X
63769-1
0.81
(2)
.105
Max.
0.31
14.99
2.67 .
.105-.210
or
E
.020
2.67-5.33 .
Brass
.012
.590
X
—
X
63470-1
0.51
(2)
.105
Max.
0.31
14.99
2.67 .
Brass
.014
.640
X
—
X
60742-1
.180-.230
or
0.36
16.26
.020
4.57-5.84 .
Brass,
.014
.640
X
—
X
60742-2
0.51
(2)
.110
Max.
Tin Plated
0.36
16.26
2.79 .
Brass,
.014
.640
X
—
X
63749-24
Tin Plated
0.36
16.26
18-14 or
D
.180-.230
or
(2) 16
.025
4.57-5.84 .
Brass
.014
.640
—
—
—
63832-1
0.64
(2)
.110
Max.
0.36
16.26
2.79 .
.180-.230
or
Brass
.014
.640
X
—
X
63596-1
.032
4.57-5.84 .
0.36
16.26
0.81
(2)
.110
Max.
Brass,
.014
.640
X
—
X
63596-2
2.79 .
Pre-Tin
0.36
16.26
A
.020
.110-.160
Brass,
.012
.590
X
—
X
1217149-1
0.51
2.79-4.06
Tin Plated
0.31
14.99
.150-.190
Brass
.014
.640
X
—
X
62016-1
.020
3.81-4.83
0.36
16.26
18-14
D
0.51
.150-.190
Brass,
.014
.640
X
—
X
62016-2
3.81-4.83
Tin Plated
0.36
16.26
.032
.150-.190
Brass,
.014
.640
X
—
X
63697-1
0.81
3.81-4.83
Pre-Tin
0.36
16.26
F
.020
.110-.160
Brass,
.014
.615
—
—
—
1217151-15
0.51
2.79-4.06
Tin Plated
0.36
15.62
1
No Insulation support.
4
Stress relieved.
2
UL listed and CSA certified for 22- 20 AWG.
5
Tab stock thickness .020 [0.51].
3
Also capable of accepting (2) 20 AWG wires.
D — Commercial Line
.225
[5.72]
L
A — Premier Line
B — Budget Line
E — Moldable Line
.220
[5.59]
.250
[6.35]
.220
[5.59]
.250
[6.35]
L
.220
[5.59]
.250
[6.35]
L
L
F — Commercial Line
Receptacle & Tab Combination
.225
[5.72]
.225
[5.72]
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com